Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HA-5221 Datasheet (PDF) - Renesas Technology Corp

HA-5221 Datasheet PDF - Renesas Technology Corp
Part # HA-5221
Download  HA-5221 Download
File Size   1040.05 Kbytes
Page   11 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 100MHz, Low Noise, Precision Operational Amplifier

HA-5221 Datasheet (PDF)

Go To PDF Page Download Datasheet
HA-5221 Datasheet PDF - Renesas Technology Corp

Part # HA-5221
Download  HA-5221 Click to download

File Size   1040.05 Kbytes
Page   11 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 100MHz, Low Noise, Precision Operational Amplifier

HA-5221 Datasheet (HTML) - Renesas Technology Corp


HA-5221 Product details

Features
• Gain Bandwidth Product . . . . . . . . . . . . . . . . . . . 100MHz
• Unity Gain Bandwidth. . . . . . . . . . . . . . . . . . . . . . . 35MHz
• Slew Rate. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25V/s
• Low Offset Voltage. . . . . . . . . . . . . . . . . . . . . . . . . 0.3mV
• High Open Loop Gain . . . . . . . . . . . . . . . . . . . . . . 128dB
• Low Noise Voltage at 1kHz . . . . . . . . . . . . . . . 3.4nV/Hz
• High Output Current . . . . . . . . . . . . . . . . . . . . . . . . . 56mA
• Low Supply Current . . . . . . . . . . . . . . . . . . . . . . . . . . 8mA




Similar Part No. - HA-5221

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-5221 INTERSIL-HA-5221 Datasheet
700Kb / 12P
100MHz, Low Noise, Precision Operational Amplifier
April 2000
HA-5221 INTERSIL-HA-5221 Datasheet
657Kb / 11P
100MHz, Low Noise, Precision Operational Amplifier
May 2003
HA-5221/883 INTERSIL-HA-5221/883 Datasheet
306Kb / 10P
Low Noise, Wideband, Precision Operational Amplifier
October 1999
HA-5221883 INTERSIL-HA-5221883 Datasheet
306Kb / 10P
Low Noise, Wideband, Precision Operational Amplifier
October 1999
HA-5221 INTERSIL-HA-5221_03 Datasheet
657Kb / 11P
100MHz, Low Noise, Precision Operational Amplifier
May 2003
More results


Similar Description - HA-5221

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP27 AD-OP27 Datasheet
370Kb / 16P
Low-Noise, Precision Operational Amplifier
9/01-Data Sheet changed from REV. 0 to REV. A.
OP-27 AD-OP-27 Datasheet
703Kb / 12P
LOW NOISE, PRECISION OPERATIONAL AMPLIFIER
logo
Intersil Corporation
HA-5221 INTERSIL-HA-5221 Datasheet
700Kb / 12P
100MHz, Low Noise, Precision Operational Amplifier
April 2000
HCA10009 INTERSIL-HCA10009 Datasheet
529Kb / 10P
100MHz, Single and Dual Low Noise, Precision Operational Amplifier
August 1999
HA-5147883 INTERSIL-HA-5147883 Datasheet
390Kb / 9P
100MHz, Ultra Low Noise, Precision, High Slew Rate Operational Amplifier
June 1998
HA-5221 INTERSIL-HA-5221_03 Datasheet
657Kb / 11P
100MHz, Low Noise, Precision Operational Amplifier
May 2003
logo
Analog Devices
OP27 AD-OP27_06 Datasheet
428Kb / 20P
Low Noise, Precision Operational Amplifier
Rev. F
logo
Intersil Corporation
ISL76627 INTERSIL-ISL76627 Datasheet
1Mb / 18P
Precision Low Noise Operational Amplifier
July 12, 2011
logo
Analog Devices
OP27CH AD-OP27CH Datasheet
429Kb / 20P
Low Noise, Precision Operational Amplifier
Rev. F
OP27GJ8 AD-OP27GJ8 Datasheet
429Kb / 20P
Low Noise, Precision Operational Amplifier
Rev. F
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com