Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HA-5221 Datasheet (PDF) - Intersil Corporation

HA-5221 Datasheet PDF - Intersil Corporation
Part # HA-5221
Download  HA-5221 Download
File Size   700.77 Kbytes
Page   12 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 100MHz, Low Noise, Precision Operational Amplifier

HA-5221 Datasheet (PDF)

Go To PDF Page Download Datasheet
HA-5221 Datasheet PDF - Intersil Corporation

Part # HA-5221
Download  HA-5221 Click to download

File Size   700.77 Kbytes
Page   12 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 100MHz, Low Noise, Precision Operational Amplifier

HA-5221 Datasheet (HTML) - Intersil Corporation


HA-5221 Product details

The HA-5221 is a single high performance dielectrically isolated, op amp, featuring precision DC characteristics while providing excellent AC characteristics. Designed for audio, video, and other demanding applications, noise (3.4nV/√Hz at 1kHz), total harmonic distortion (<0.005%), and DC errors are kept to a minimum.



Features

• Gain Bandwidth Product . . . . . . . . . . . . . . . . . . . 100MHz

• Unity Gain Bandwidth. . . . . . . . . . . . . . . . . . . . . . . 35MHz

• Slew Rate. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25V/µs

• Low Offset Voltage. . . . . . . . . . . . . . . . . . . . . . . . . 0.3mV

• High Open Loop Gain . . . . . . . . . . . . . . . . . . . . . . 128dB

• Low Noise Voltage at 1kHz . . . . . . . . . . . . . . . 3.4nV/√Hz

• High Output Current . . . . . . . . . . . . . . . . . . . . . . . . . 56mA

• Low Supply Current . . . . . . . . . . . . . . . . . . . . . . . . . . 8mA



Applications

• Precision Test Systems

• Active Filtering

• Small Signal Video

• Accurate Signal Processing

• RF Signal Conditioning



 




Similar Part No. - HA-5221

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-5221 INTERSIL-HA-5221 Datasheet
657Kb / 11P
100MHz, Low Noise, Precision Operational Amplifier
May 2003
logo
Renesas Technology Corp
HA-5221 RENESAS-HA-5221 Datasheet
1Mb / 11P
100MHz, Low Noise, Precision Operational Amplifier
May 2003
logo
Intersil Corporation
HA-5221/883 INTERSIL-HA-5221/883 Datasheet
306Kb / 10P
Low Noise, Wideband, Precision Operational Amplifier
October 1999
HA-5221883 INTERSIL-HA-5221883 Datasheet
306Kb / 10P
Low Noise, Wideband, Precision Operational Amplifier
October 1999
HA-5221 INTERSIL-HA-5221_03 Datasheet
657Kb / 11P
100MHz, Low Noise, Precision Operational Amplifier
May 2003
More results


Similar Description - HA-5221

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP27 AD-OP27 Datasheet
370Kb / 16P
Low-Noise, Precision Operational Amplifier
9/01-Data Sheet changed from REV. 0 to REV. A.
OP-27 AD-OP-27 Datasheet
703Kb / 12P
LOW NOISE, PRECISION OPERATIONAL AMPLIFIER
logo
Intersil Corporation
HCA10009 INTERSIL-HCA10009 Datasheet
529Kb / 10P
100MHz, Single and Dual Low Noise, Precision Operational Amplifier
August 1999
HA-5147883 INTERSIL-HA-5147883 Datasheet
390Kb / 9P
100MHz, Ultra Low Noise, Precision, High Slew Rate Operational Amplifier
June 1998
HA-5221 INTERSIL-HA-5221_03 Datasheet
657Kb / 11P
100MHz, Low Noise, Precision Operational Amplifier
May 2003
logo
Analog Devices
OP27 AD-OP27_06 Datasheet
428Kb / 20P
Low Noise, Precision Operational Amplifier
Rev. F
logo
Intersil Corporation
ISL76627 INTERSIL-ISL76627 Datasheet
1Mb / 18P
Precision Low Noise Operational Amplifier
July 12, 2011
logo
Analog Devices
OP27CH AD-OP27CH Datasheet
429Kb / 20P
Low Noise, Precision Operational Amplifier
Rev. F
OP27GJ8 AD-OP27GJ8 Datasheet
429Kb / 20P
Low Noise, Precision Operational Amplifier
Rev. F
logo
Renesas Technology Corp
HA-5221 RENESAS-HA-5221 Datasheet
1Mb / 11P
100MHz, Low Noise, Precision Operational Amplifier
May 2003
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com