Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HA-5340 Datasheet (PDF) - Renesas Technology Corp

HA-5340 Datasheet PDF - Renesas Technology Corp
Part # HA-5340
Download  HA-5340 Download
File Size   818.48 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 700ns, Low Distortion, Precision Sample and Hold Amplifier

HA-5340 Datasheet (PDF)

Go To PDF Page Download Datasheet
HA-5340 Datasheet PDF - Renesas Technology Corp

Part # HA-5340
Download  HA-5340 Click to download

File Size   818.48 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 700ns, Low Distortion, Precision Sample and Hold Amplifier

HA-5340 Datasheet (HTML) - Renesas Technology Corp


HA-5340 Product details

Features
• Fast Acquisition Time (0.01%) . . . . . . . . . . . . . . . . . 700ns
• Fast Hold Mode Settling Time (0.01%) . . . . . . . . . . 200ns
• Low Distortion (Hold Mode) . . . . . . . . . . . . . . . . . . -72dBc
(VIN = 200kHz, fS = 450kHz, 5VP-P)
• Bandwidth Minimally Affected By External CH
• Fully Differential Analog Inputs
• Built-In 135pF Hold Capacitor




Similar Part No. - HA-5340

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-5340 INTERSIL-HA-5340 Datasheet
399Kb / 8P
700ns, Low Distortion, Precision Sample and Hold Amplifier
September 1998
HA-5340 INTERSIL-HA-5340 Datasheet
710Kb / 10P
700ns, Low Distortion, Precision Sample and Hold Amplifier
June 2003
HA-5340/883 INTERSIL-HA-5340/883 Datasheet
347Kb / 12P
High Speed, Low Distortion, Precision Monolithic Sample and Hold Amplifier
June 1994
HA-5340 INTERSIL-HA-5340_03 Datasheet
710Kb / 10P
700ns, Low Distortion, Precision Sample and Hold Amplifier
June 2003
More results


Similar Description - HA-5340

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-5330 INTERSIL-HA-5330 Datasheet
63Kb / 5P
650ns Precision Sample and Hold Amplifier
September 1998
HA-5340 INTERSIL-HA-5340 Datasheet
399Kb / 8P
700ns, Low Distortion, Precision Sample and Hold Amplifier
September 1998
HA5340 INTERSIL-HA5340 Datasheet
347Kb / 12P
High Speed, Low Distortion, Precision Monolithic Sample and Hold Amplifier
June 1994
logo
Linear Technology
LF198A LINER-LF198A Datasheet
1Mb / 16P
Precision Sample and Hold Amplifier
LF398S8 LINER-LF398S8 Datasheet
144Kb / 2P
Precision Sample and Hold Amplifier?
logo
Intersil Corporation
HA-5330 INTERSIL-HA-5330_04 Datasheet
278Kb / 5P
650ns Precision Sample and Hold Amplifier
June 2004
HA-5340 INTERSIL-HA-5340_03 Datasheet
710Kb / 10P
700ns, Low Distortion, Precision Sample and Hold Amplifier
June 2003
logo
Linear Technology
LF398S8 LINER-LF398S8_15 Datasheet
156Kb / 2P
Precision Sample and Hold Amplifier
logo
Intersil Corporation
HA1-5330-5 INTERSIL-HA1-5330-5 Datasheet
283Kb / 5P
650ns Precision Sample and Hold Amplifier
June 2004
logo
Renesas Technology Corp
HA-5330 RENESAS-HA-5330 Datasheet
384Kb / 5P
650ns Precision Sample and Hold Amplifier
June 2004
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com