Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HA-5340 Datasheet (PDF) - Intersil Corporation

HA-5340 Datasheet PDF - Intersil Corporation
Part # HA-5340
Download  HA-5340 Download
File Size   399.76 Kbytes
Page   8 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 700ns, Low Distortion, Precision Sample and Hold Amplifier

HA-5340 Datasheet (PDF)

Go To PDF Page Download Datasheet
HA-5340 Datasheet PDF - Intersil Corporation

Part # HA-5340
Download  HA-5340 Click to download

File Size   399.76 Kbytes
Page   8 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 700ns, Low Distortion, Precision Sample and Hold Amplifier

HA-5340 Datasheet (HTML) - Intersil Corporation


HA-5340 Product details

The HA-5340 combines the advantages of two sample/ hold architectures to create a new generation of monolithic sample/hold. High amplitude, high frequency signals can be sampled with very low distortion being introduced. The combination of exceptionally fast acquisition time and specified/characterized hold mode distortion is an industry first. Additionally, the AC performance is only minimally affected by additional hold capacitance.

Features
• Fast Acquisition Time (0.01%) . . . . . . . . . . . . . . . . . 700ns
• Fast Hold Mode Settling Time (0.01%). . . . . . . . . . . .200n
• Low Distortion (Hold Mode) . . . . . . . . . . . . . . . . . . -72dBc (VIN = 200kHz, fS = 450kHz, 5VP-P)
• Bandwidth Minimally Affected By External CH
• Fully Differential Analog Inputs
• Built-In 135pF Hold Capacitor
• Pin Compatible with HA-5320

Applications
• High Bandwidth Precision Data Acquisition Systems
• Inertial Navigation and Guidance Systems
• Ultrasonics
• SONAR
• RADAR




Similar Part No. - HA-5340

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-5340 INTERSIL-HA-5340 Datasheet
710Kb / 10P
700ns, Low Distortion, Precision Sample and Hold Amplifier
June 2003
logo
Renesas Technology Corp
HA-5340 RENESAS-HA-5340 Datasheet
818Kb / 10P
700ns, Low Distortion, Precision Sample and Hold Amplifier
June 2003
logo
Intersil Corporation
HA-5340/883 INTERSIL-HA-5340/883 Datasheet
347Kb / 12P
High Speed, Low Distortion, Precision Monolithic Sample and Hold Amplifier
June 1994
HA-5340 INTERSIL-HA-5340_03 Datasheet
710Kb / 10P
700ns, Low Distortion, Precision Sample and Hold Amplifier
June 2003
More results


Similar Description - HA-5340

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-5330 INTERSIL-HA-5330 Datasheet
63Kb / 5P
650ns Precision Sample and Hold Amplifier
September 1998
HA5340 INTERSIL-HA5340 Datasheet
347Kb / 12P
High Speed, Low Distortion, Precision Monolithic Sample and Hold Amplifier
June 1994
logo
Linear Technology
LF198A LINER-LF198A Datasheet
1Mb / 16P
Precision Sample and Hold Amplifier
LF398S8 LINER-LF398S8 Datasheet
144Kb / 2P
Precision Sample and Hold Amplifier?
logo
Intersil Corporation
HA-5330 INTERSIL-HA-5330_04 Datasheet
278Kb / 5P
650ns Precision Sample and Hold Amplifier
June 2004
HA-5340 INTERSIL-HA-5340_03 Datasheet
710Kb / 10P
700ns, Low Distortion, Precision Sample and Hold Amplifier
June 2003
logo
Linear Technology
LF398S8 LINER-LF398S8_15 Datasheet
156Kb / 2P
Precision Sample and Hold Amplifier
logo
Intersil Corporation
HA1-5330-5 INTERSIL-HA1-5330-5 Datasheet
283Kb / 5P
650ns Precision Sample and Hold Amplifier
June 2004
logo
Renesas Technology Corp
HA-5330 RENESAS-HA-5330 Datasheet
384Kb / 5P
650ns Precision Sample and Hold Amplifier
June 2004
HA-5340 RENESAS-HA-5340 Datasheet
818Kb / 10P
700ns, Low Distortion, Precision Sample and Hold Amplifier
June 2003
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com