Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CH03044V1 Datasheet (PDF) - Cvilux Corporation

CH03044V1 Datasheet PDF - Cvilux Corporation
Part # CH03044V1
Download  CH03044V1 Download
File Size   105.72 Kbytes
Page   1 Pages
Manufacturer  CVILUX [Cvilux Corporation]
Direct Link  https://www.cvilux.com/
Logo CVILUX - Cvilux Corporation
Description 1.27mm(.0507) SINGLE ROW DUAL BODY BOARD MOUNT PIN HEADER

CH03044V1 Datasheet (PDF)

Go To PDF Page Download Datasheet
CH03044V1 Datasheet PDF - Cvilux Corporation

Part # CH03044V1
Download  CH03044V1 Click to download

File Size   105.72 Kbytes
Page   1 Pages
Manufacturer  CVILUX [Cvilux Corporation]
Direct Link  https://www.cvilux.com/
Logo CVILUX - Cvilux Corporation
Description 1.27mm(.0507) SINGLE ROW DUAL BODY BOARD MOUNT PIN HEADER

CH03044V1 Datasheet (HTML) - Cvilux Corporation




Similar Part No. - CH03044V1

ManufacturerPart #DatasheetDescription
logo
Cvilux Corporation
CH03044M1-00 CVILUX-CH03044M1-00 Datasheet
116Kb / 1P
1.27mm(.050%) SINGLE ROW DUAL BODY SURFACE BOARD MOUNT PIN HEADER
CH03044M1-0P CVILUX-CH03044M1-0P Datasheet
116Kb / 1P
1.27mm(.050%) SINGLE ROW DUAL BODY SURFACE BOARD MOUNT PIN HEADER
More results


Similar Description - CH03044V1

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCPHC3610AG1 DUBILIER-DBCPHC3610AG1 Datasheet
97Kb / 1P
PIN HEADER DUAL BODY SINGLE ROW - 2.0MM
DBCPHC4604AG1-XXX DUBILIER-DBCPHC4604AG1-XXX Datasheet
101Kb / 1P
PIN HEADERS DUAL BODY SINGLE ROW 1.27mm
logo
Wurth Elektronik GmbH &...
6220XX21121 WURTH-6220XX21121 Datasheet
275Kb / 1P
1.27MM DUAL PIN HEADER
logo
Cvilux Corporation
CH0201S CVILUX-CH0201S Datasheet
104Kb / 1P
1.27mm SINGLE ROW BOARD MOUNT PIN HEADER
CH0202S CVILUX-CH0202S Datasheet
110Kb / 1P
1.27mm(,050°) SINGLE ROW SURFACE BOARD MOUNT PIN HEADER
CH0220S CVILUX-CH0220S Datasheet
150Kb / 2P
1.27mm(.050") SINGLE ROW BOARD MOUNT PIN HEADER
CH0302S CVILUX-CH0302S Datasheet
116Kb / 1P
1.27mm(.050%) SINGLE ROW DUAL BODY SURFACE BOARD MOUNT PIN HEADER
CH0901S CVILUX-CH0901S Datasheet
95Kb / 1P
1.27mm(050") SINGLE ROW BOARD MOUNT PIN HEADER
CH2101S CVILUX-CH2101S Datasheet
99Kb / 1P
2.00MM(.079") SINGLE ROW DUAL BODY BORAD MOUNT PIN HEADER
CH2102S CVILUX-CH2102S Datasheet
114Kb / 1P
2.00mm(.079") SINGLE ROW DUAL BODY SURFACE BOARD MOUNT PIN HEADER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com