Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCE0102E Datasheet (PDF) - Wuxi NCE Power Semiconductor Co., Ltd

NCE0102E Datasheet PDF - Wuxi NCE Power Semiconductor Co., Ltd
Part # NCE0102E
Download  NCE0102E Download
File Size   625.97 Kbytes
Page   7 Pages
Manufacturer  NCEPOWER [Wuxi NCE Power Semiconductor Co., Ltd]
Direct Link  http://www.ncepower.com
Logo NCEPOWER - Wuxi NCE Power Semiconductor Co., Ltd
Description NCE N-Channel Enhancement Mode Power MOSFET

NCE0102E Datasheet (PDF)

Go To PDF Page Download Datasheet
NCE0102E Datasheet PDF - Wuxi NCE Power Semiconductor Co., Ltd

Part # NCE0102E
Download  NCE0102E Click to download

File Size   625.97 Kbytes
Page   7 Pages
Manufacturer  NCEPOWER [Wuxi NCE Power Semiconductor Co., Ltd]
Direct Link  http://www.ncepower.com
Logo NCEPOWER - Wuxi NCE Power Semiconductor Co., Ltd
Description NCE N-Channel Enhancement Mode Power MOSFET

NCE0102E Datasheet (HTML) - Wuxi NCE Power Semiconductor Co., Ltd


NCE0102E Product details

Description
The NCE0102E uses advanced trench technology and
design to provide excellent RDS(ON) with low gate charge. It
can be used in a wide variety of applications. General Features
● VDS = 100V,ID = 2A
RDS(ON) <210mΩ @ VGS=10V (Typ:180mΩ)
RDS(ON) <230mΩ @ VGS=4.5V (Typ:190mΩ)
●High power and current handing capability
● Lead free product is acquired
● Surface mount package
● ESD Rating:HBM ≥1500V
Application
● Power switching application
● Hard switched and high frequency circuits
● Uninterruptible power supply




Similar Part No. - NCE0102E

ManufacturerPart #DatasheetDescription
logo
Wuxi NCE Power Semicond...
NCE0102 NCEPOWER-NCE0102 Datasheet
683Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
V4.1
NCE0102A NCEPOWER-NCE0102A Datasheet
317Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
V2.0
NCE0102B NCEPOWER-NCE0102B Datasheet
351Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
V2.0
NCE0102M NCEPOWER-NCE0102M Datasheet
292Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
v1.0
NCE0102Z NCEPOWER-NCE0102Z Datasheet
328Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
More results


Similar Description - NCE0102E

ManufacturerPart #DatasheetDescription
logo
Wuxi NCE Power Semicond...
NCE55H11 NCEPOWER-NCE55H11 Datasheet
376Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
NCE75H21T NCEPOWER-NCE75H21T Datasheet
354Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
NCE0128D NCEPOWER-NCE0128D Datasheet
326Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
NCE0160S NCEPOWER-NCE0160S Datasheet
401Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
NCE2302 NCEPOWER-NCE2302 Datasheet
306Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
NCE3080K NCEPOWER-NCE3080K Datasheet
355Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
NCE01H16 NCEPOWER-NCE01H16 Datasheet
369Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
NCE70H13 NCEPOWER-NCE70H13 Datasheet
407Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
NCE1490 NCEPOWER-NCE1490 Datasheet
375Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
NCE1530KC NCEPOWER-NCE1530KC Datasheet
419Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com