Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCE0102B Datasheet (PDF) - Wuxi NCE Power Semiconductor Co., Ltd

NCE0102B Datasheet PDF - Wuxi NCE Power Semiconductor Co., Ltd
Part # NCE0102B
Download  NCE0102B Download
File Size   351.44 Kbytes
Page   7 Pages
Manufacturer  NCEPOWER [Wuxi NCE Power Semiconductor Co., Ltd]
Direct Link  http://www.ncepower.com
Logo NCEPOWER - Wuxi NCE Power Semiconductor Co., Ltd
Description NCE N-Channel Enhancement Mode Power MOSFET

NCE0102B Datasheet (PDF)

Go To PDF Page Download Datasheet
NCE0102B Datasheet PDF - Wuxi NCE Power Semiconductor Co., Ltd

Part # NCE0102B
Download  NCE0102B Click to download

File Size   351.44 Kbytes
Page   7 Pages
Manufacturer  NCEPOWER [Wuxi NCE Power Semiconductor Co., Ltd]
Direct Link  http://www.ncepower.com
Logo NCEPOWER - Wuxi NCE Power Semiconductor Co., Ltd
Description NCE N-Channel Enhancement Mode Power MOSFET

NCE0102B Datasheet (HTML) - Wuxi NCE Power Semiconductor Co., Ltd


NCE0102B Product details

Description
The NCE0102B uses advanced trench technology and
design to provide excellent RDS(ON) with low gate charge. It
can be used in a wide variety of applications.

General Features
● VDS = 100V,ID = 1.8A
RDS(ON) <680mΩ @ VGS=10V (Typ:530mΩ)
RDS(ON) <700mΩ @ VGS=4.5V (Typ:580mΩ)
● High density cell design for ultra low Rdson
● Fully characterized avalanche voltage and current
● Excellent package for good heat dissipation

Application
● Power switching application
● Hard switched and high frequency circuits
● Uninterruptible power supply




Similar Part No. - NCE0102B

ManufacturerPart #DatasheetDescription
logo
Wuxi NCE Power Semicond...
NCE0102 NCEPOWER-NCE0102 Datasheet
683Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
V4.1
NCE0102A NCEPOWER-NCE0102A Datasheet
317Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
V2.0
NCE0102E NCEPOWER-NCE0102E Datasheet
625Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
V1.0
NCE0102M NCEPOWER-NCE0102M Datasheet
292Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
v1.0
NCE0102Z NCEPOWER-NCE0102Z Datasheet
328Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
More results


Similar Description - NCE0102B

ManufacturerPart #DatasheetDescription
logo
Wuxi NCE Power Semicond...
NCE55H11 NCEPOWER-NCE55H11 Datasheet
376Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
NCE75H21T NCEPOWER-NCE75H21T Datasheet
354Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
NCE0128D NCEPOWER-NCE0128D Datasheet
326Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
NCE0160S NCEPOWER-NCE0160S Datasheet
401Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
NCE2302 NCEPOWER-NCE2302 Datasheet
306Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
NCE3080K NCEPOWER-NCE3080K Datasheet
355Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
NCE01H16 NCEPOWER-NCE01H16 Datasheet
369Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
NCE70H13 NCEPOWER-NCE70H13 Datasheet
407Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
NCE1490 NCEPOWER-NCE1490 Datasheet
375Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
NCE1530KC NCEPOWER-NCE1530KC Datasheet
419Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com