Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX2037 Datasheet (PDF) - Maxim Integrated Products

MAX2037 Datasheet PDF - Maxim Integrated Products
Part # MAX2037
Download  MAX2037 Download
File Size   241.49 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Ultrasound Variable-Gain Amplifier

MAX2037 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX2037 Datasheet PDF - Maxim Integrated Products

Part # MAX2037
Download  MAX2037 Click to download

File Size   241.49 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Ultrasound Variable-Gain Amplifier

MAX2037 Datasheet (HTML) - Maxim Integrated Products


MAX2037 Product details

General Description

The MAX2037 8-channel variable-gain amplifier (VGA) is designed for high linearity, high dynamic range, and low-noise performance targeting ultrasound imaging and Doppler applications. Each amplifier features differential inputs and outputs and a total gain range of typically 42dB. In addition, the VGAs offer very low output-referred noise performance suitable for interfacing with 12-bit ADCs



Features

♦ 8-Channel Configuration

♦ High Integration for Ultrasound Imaging Applications

♦ Pin Compatible with the MAX2038 Ultrasound VGA Plus CW Doppler Beamformer

♦ Maximum Gain, Gain Range, and Output-Referred Noise Optimized for Interfacing with 12-Bit ADCs Maximum Gain of 29.5dB Total Gain Range of 42dB 22nV/√Hz Ultra-Low Output-Referred Noise at 5MHz Pin-for-Pin 10-Bit Compatibility Supported By MAX2035/MAX2036

♦ ±0.25dB Absolute Gain Error

♦ Switchable Output VGA Clamp Eliminating ADC Overdrive

♦ Fully Differential VGA Outputs for Direct ADC Drive

♦ Variable Gain Range Achieves 42dB Dynamic Range

♦ -70dBc HD2 at VOUT = 1.5VP-P and fIN = 5MHz

♦ Two-Tone Ultrasound-Specific* IMD3 of -52dBc at VOUT = 1.5VP-P and fIN = 5MHz

♦ 120mW Consumption Per Channel




Similar Part No. - MAX2037

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2037 MAXIM-MAX2037 Datasheet
202Kb / 13P
Ultrasound Variable-Gain Amplifier
Rev 1; 2/09
MAX2037CCQ+D MAXIM-MAX2037CCQ+D Datasheet
202Kb / 13P
Ultrasound Variable-Gain Amplifier
Rev 1; 2/09
MAX2037CCQ+TD MAXIM-MAX2037CCQ+TD Datasheet
202Kb / 13P
Ultrasound Variable-Gain Amplifier
Rev 1; 2/09
MAX2037 MAXIM-MAX2037_09 Datasheet
202Kb / 13P
Ultrasound Variable-Gain Amplifier
Rev 1; 2/09
More results


Similar Description - MAX2037

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2035 MAXIM-MAX2035 Datasheet
243Kb / 12P
Ultrasound Variable-Gain Amplifier
Rev 0; 10/06
MAX2035 MAXIM-MAX2035_09 Datasheet
194Kb / 13P
Ultrasound Variable-Gain Amplifier
Rev 1; 2/09
MAX2037 MAXIM-MAX2037_09 Datasheet
202Kb / 13P
Ultrasound Variable-Gain Amplifier
Rev 1; 2/09
logo
Hittite Microwave Corpo...
HMC996LP4E HITTITE-HMC996LP4E_12 Datasheet
550Kb / 8P
VARIABLE GAIN AMPLIFIER
HMC997LC4 HITTITE-HMC997LC4_12 Datasheet
581Kb / 8P
VARIABLE GAIN AMPLIFIER
logo
Cooper Bussmann, Inc.
HMC6187LP4E COOPER-HMC6187LP4E Datasheet
1Mb / 8P
VARIABLE GAIN AMPLIFIER
logo
Analog Devices
HMC996LP4E AD-HMC996LP4E Datasheet
479Kb / 8P
VARIABLE GAIN AMPLIFIER
HMC997LC4 AD-HMC997LC4 Datasheet
453Kb / 8P
VARIABLE GAIN AMPLIFIER
HMC6187LP4E AD-HMC6187LP4E Datasheet
1,008Kb / 8P
VARIABLE GAIN AMPLIFIER
logo
NXP Semiconductors
OM7922 NXP-OM7922 Datasheet
104Kb / 2P
Variable gain amplifier
5/21/2012
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com