Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX2035 Datasheet (PDF) - Maxim Integrated Products

MAX2035 Datasheet PDF - Maxim Integrated Products
Part # MAX2035
Download  MAX2035 Download
File Size   243.13 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Ultrasound Variable-Gain Amplifier

MAX2035 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX2035 Datasheet PDF - Maxim Integrated Products

Part # MAX2035
Download  MAX2035 Click to download

File Size   243.13 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Ultrasound Variable-Gain Amplifier

MAX2035 Datasheet (HTML) - Maxim Integrated Products


MAX2035 Product details

General Description
The MAX2035 8-channel variable-gain amplifier (VGA) is designed for high linearity, high dynamic range, and low-noise performance targeting ultrasound imaging and Doppler applications. Each amplifier features differential inputs and outputs and a total gain range of typically 50dB. In addition, the VGAs offer very low output-referred noise performance suitable for interfacing with 10-bit ADCs.
The MAX2035 VGA is optimized for less than ±0.5dB absolute gain error to ensure minimal channel-to-channel ultrasound beamforming focus error. The device’s differential outputs are designed to directly drive ultra-sound ADCs through an external passive anti-aliasing filter. A switchable clamp is also provided at each amplifier’s outputs to limit the output signals, thereby prevent ing ADC overdrive or saturation.

Features
♦ 8-Channel Configuration
♦ High Integration for Ultrasound Imaging
   Applications
♦ Pin Compatible with the MAX2036 Ultrasound
   VGA Plus CW Doppler Beamformer
♦ Maximum Gain, Gain Range, and Output-Referred
   Noise Optimized for Interfacing with 10-Bit ADCs
   Maximum Gain of 39.5dB
   Total Gain Range of 50dB
   60nV/√Hz Ultra-Low Output-Referred Noise at
   5MHz
   Pin-for-Pin 12-Bit Compatibility Supported By
   MAX2037/MAX2038
♦ ±0.5dB Absolute Gain Error
♦ Switchable Output VGA Clamp Eliminating ADC
   Overdrive
♦ Fully Differential VGA Outputs for Direct ADC
   Drive
♦ Variable Gain Range Achieves 50dB Dynamic
   Range
♦ -62dBc HD2 at VOUT = 1.5VP-P and fIN = 5MHz
♦ Two-Tone Ultrasound-Specific* IMD3 of -52dBc at
   VOUT = 1.5VP-P and fIN = 5MHz
♦ 127mW Consumption per Channel

Applications
   Ultrasound Imaging Sonar




Similar Part No. - MAX2035

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2035 MAXIM-MAX2035 Datasheet
194Kb / 13P
Ultrasound Variable-Gain Amplifier
Rev 1; 2/09
MAX20353 MAXIM-MAX20353 Datasheet
2Mb / 153P
PMIC with Ultra-Low Iq Regulators, Charger, Fuel Gauge, and Haptic Driver for Small Li Systems
Rev 2; 2/21
MAX20353 MAXIM-MAX20353 Datasheet
683Kb / 12P
Fully Assembled and Tested
Rev 0; 2/20
MAX20353AEWN+ MAXIM-MAX20353AEWN+ Datasheet
2Mb / 153P
PMIC with Ultra-Low Iq Regulators, Charger, Fuel Gauge, and Haptic Driver for Small Li Systems
Rev 2; 2/21
MAX20353AEWN+T MAXIM-MAX20353AEWN+T Datasheet
2Mb / 153P
PMIC with Ultra-Low Iq Regulators, Charger, Fuel Gauge, and Haptic Driver for Small Li Systems
Rev 2; 2/21
More results


Similar Description - MAX2035

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2037 MAXIM-MAX2037 Datasheet
241Kb / 12P
Ultrasound Variable-Gain Amplifier
Rev 0; 10/06
MAX2035 MAXIM-MAX2035_09 Datasheet
194Kb / 13P
Ultrasound Variable-Gain Amplifier
Rev 1; 2/09
MAX2037 MAXIM-MAX2037_09 Datasheet
202Kb / 13P
Ultrasound Variable-Gain Amplifier
Rev 1; 2/09
logo
Hittite Microwave Corpo...
HMC996LP4E HITTITE-HMC996LP4E_12 Datasheet
550Kb / 8P
VARIABLE GAIN AMPLIFIER
HMC997LC4 HITTITE-HMC997LC4_12 Datasheet
581Kb / 8P
VARIABLE GAIN AMPLIFIER
logo
Cooper Bussmann, Inc.
HMC6187LP4E COOPER-HMC6187LP4E Datasheet
1Mb / 8P
VARIABLE GAIN AMPLIFIER
logo
Analog Devices
HMC996LP4E AD-HMC996LP4E Datasheet
479Kb / 8P
VARIABLE GAIN AMPLIFIER
HMC997LC4 AD-HMC997LC4 Datasheet
453Kb / 8P
VARIABLE GAIN AMPLIFIER
HMC6187LP4E AD-HMC6187LP4E Datasheet
1,008Kb / 8P
VARIABLE GAIN AMPLIFIER
logo
NXP Semiconductors
OM7922 NXP-OM7922 Datasheet
104Kb / 2P
Variable gain amplifier
5/21/2012
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com