Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4360-2 Datasheet (PDF) - Analog Devices

ADF4360-2 Datasheet PDF - Analog Devices
Part # ADF4360-2
Download  ADF4360-2 Download
File Size   2607.71 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 300 MHz to 1000 MHz Quadrature Modulator

ADF4360-2 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADF4360-2 Datasheet PDF - Analog Devices

Part # ADF4360-2
Download  ADF4360-2 Click to download

File Size   2607.71 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 300 MHz to 1000 MHz Quadrature Modulator

ADF4360-2 Datasheet (HTML) - Analog Devices


ADF4360-2 Product details

GENERAL DESCRIPTION
The ADL5370 is the first in the fixed-gain quadrature modulator (F-MOD) family designed for use from 300 MHz to 1000 MHz. Its excellent phase accuracy and amplitude balance enable high performance intermediate frequency or direct radio frequency modulation for communication systems.

FEATURES
   Output frequency range: 300 MHz to 1000 MHz
   Modulation bandwidth: >500 MHz (3 dB)
   1 dB output compression: 11 dBm @ 450 MHz
   Noise floor: −160 dBm/Hz
   Sideband suppression: −41 dBc @ 450 MHz
   Carrier feedthrough: −50 dBm @ 450 MHz
   Single supply: 4.75 V to 5.25 V
   24-lead LFCSP_VQ package

APPLICATIONS
   Cellular communication systems at 450 MHz
      CDMA2000/GSM
   WiMAX/broadband wireless access systems
   Cable communication equipment
   Satellite modems




Similar Part No. - ADF4360-2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF4360-2 AD-ADF4360-2 Datasheet
336Kb / 20P
Integrated Synthesizer and VCO
4/06-Rev. A to Rev. B
ADF4360-2 AD-ADF4360-2 Datasheet
2Mb / 32P
400 MHz to 6 GHz Broadband Quadrature Modulator
REV. 0
ADF4360-2 AD-ADF4360-2 Datasheet
929Kb / 28P
50 MHz to 1000 MHz Quadrature Demodulator
REV. A
ADF4360-2 AD-ADF4360-2 Datasheet
433Kb / 24P
Integrated Synthesizer and VCO
5/2016-Rev. C to Rev. D
ADF4360-2BCP AD-ADF4360-2BCP Datasheet
336Kb / 20P
Integrated Synthesizer and VCO
4/06-Rev. A to Rev. B
More results


Similar Description - ADF4360-2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8345 AD-AD8345 Datasheet
372Kb / 16P
250 MHz.1000 MHz Quadrature Modulator
REV.0
logo
ATMEL Corporation
U2790B ATMEL-U2790B Datasheet
228Kb / 15P
1000-MHz QUADRATURE MODULATOR
U2793B ATMEL-U2793B Datasheet
255Kb / 12P
300 MHZ QUADRATURE MODULATOR
logo
TEMIC Semiconductors
U2797B TEMIC-U2797B Datasheet
255Kb / 13P
1000-MHz Quadrature Modulator
logo
ATMEL Corporation
U2790B ATMEL-U2790B_06 Datasheet
322Kb / 16P
1000-MHz Quadrature Modulator
U2793B ATMEL-U2793B_06 Datasheet
329Kb / 13P
300-MHz Quadrature Modulator
logo
Texas Instruments
TRF3705 TI1-TRF3705 Datasheet
890Kb / 37P
300-MHz to 4-GHz Quadrature Modulator
logo
Analog Devices
AD8345AREZ AD-AD8345AREZ Datasheet
362Kb / 20P
140 MHz to 1000 MHz Quadrature Modulator
REV. B
AD8345 AD-AD8345_15 Datasheet
1,020Kb / 20P
140 MHz to 1000 MHz Quadrature Modulator
REV. B
logo
Texas Instruments
TRF37T05 TI1-TRF37T05 Datasheet
1Mb / 40P
300-MHz to 4-GHz Quadrature Modulator
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com