Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

85304-01 Datasheet (PDF) - Renesas Technology Corp

85304-01 Datasheet PDF - Renesas Technology Corp
Part # 85304-01
Download  85304-01 Download
File Size   593.29 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Skew, 1-to-5, Differential-to-3.3V LVPECL Fanout Buffer

85304-01 Datasheet (PDF)

Go To PDF Page Download Datasheet
85304-01 Datasheet PDF - Renesas Technology Corp

Part # 85304-01
Download  85304-01 Click to download

File Size   593.29 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Skew, 1-to-5, Differential-to-3.3V LVPECL Fanout Buffer

85304-01 Datasheet (HTML) - Renesas Technology Corp


85304-01 Product details

Features
• Five 3.3V differential LVPECL output pairs
• Selectable differential CLKx, nCLKx input pairs
• CLKx, nCLKx input pairs can accept the following differential
levels: LVDS, LVPECL, LVHSTL, SSTL and HCSL levels
• Maximum output frequency: 650MHz
• Translates any single-ended input signal to 3.3V LVPECL levels
with resistor bias on nCLKx inputs
• Output skew: 35ps (maximum)
• Part-to-part skew: 150ps (maximum)
• Propagation delay: 2.1ns (maximum)
• Full 3.3V supply mode
• 0°C to 70°C ambient operating temperature




Similar Part No. - 85304-01

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
85304-01 IDT-85304-01 Datasheet
302Kb / 15P
Low Skew, 1-to-5 , Different ial-to-3 .3V LVPECL Fanout Buffer
More results


Similar Description - 85304-01

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS85304-01 ICST-ICS85304-01 Datasheet
154Kb / 13P
LOW SKEW, 1-TO-5 DIFFERENTIAL-TO-3.3V LVPECL FANOUT BUFFER
REV. B JULY 13, 2001
logo
Integrated Device Techn...
IDT85304 IDT-IDT85304 Datasheet
77Kb / 11P
LOW SKEW, 1-TO-5 DIFFERENTIAL-TO-3.3V LVPECL FANOUT BUFFER
logo
Integrated Circuit Syst...
ICS85314-01 ICST-ICS85314-01 Datasheet
112Kb / 15P
LOW SKEW, 1-TO-5 DIFFERENTIAL-TO-2.5V/3.3V LVPECL FANOUT BUFFER
REV. B JUNE 21, 2002
ICS85314I-01 ICST-ICS85314I-01 Datasheet
252Kb / 19P
LOW SKEW, 1-TO-5 DIFFERENTIAL-TO-2.5V/3.3V LVPECL FANOUT BUFFER
REV. E SEPTEMBER 23, 2005
ICS85314I-11 ICST-ICS85314I-11 Datasheet
250Kb / 18P
LOW SKEW, 1-TO-5 DIFFERENTIAL-TO-2.5V/3.3V LVPECL FANOUT BUFFER
REV. C MAY 24, 2005
logo
Integrated Device Techn...
85304AG-01LFT IDT-85304AG-01LFT Datasheet
197Kb / 15P
Low Skew, 1-to-5, Differential-to-3.3V LVPECL Fanout Buffer
logo
Texas Instruments
LMK00725 TI1-LMK00725 Datasheet
1,006Kb / 23P
Low Skew, 1-to-5, Differential-to-3.3V LVPECL Fanout Buffer
logo
Integrated Device Techn...
ICS85304I-01 IDT-ICS85304I-01 Datasheet
216Kb / 15P
Low Skew, 1-to-5, Differential-To-3.3V LVPECL Fanout Buffer
logo
Renesas Technology Corp
85314I-01 RENESAS-85314I-01 Datasheet
473Kb / 21P
Low Skew, 1-to-5 Differential-to-2.5V/3.3V LVPECL Fanout Buffer
DECEMBER 19, 2014
ICS85314I-11 RENESAS-ICS85314I-11 Datasheet
546Kb / 22P
Low Skew, 1-to-5 Differential-to-2.5V, 3.3V LVPECL Fanout Buffer
SEPTEMBER 16, 2013
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com