Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS85314I-11 Datasheet (PDF) - Renesas Technology Corp

ICS85314I-11 Datasheet PDF - Renesas Technology Corp
Part # ICS85314I-11
Download  ICS85314I-11 Download
File Size   546.41 Kbytes
Page   22 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Skew, 1-to-5 Differential-to-2.5V, 3.3V LVPECL Fanout Buffer

ICS85314I-11 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS85314I-11 Datasheet PDF - Renesas Technology Corp

Part # ICS85314I-11
Download  ICS85314I-11 Click to download

File Size   546.41 Kbytes
Page   22 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Skew, 1-to-5 Differential-to-2.5V, 3.3V LVPECL Fanout Buffer

ICS85314I-11 Datasheet (HTML) - Renesas Technology Corp


ICS85314I-11 Product details

General Description
The ICS85314I-11 is a low skew, high performance 1-to-5
Differential-to-2.5V, 3.3V LVPECL fanout buffer. The ICS85314I-11
has two selectable differential clock inputs. The CLK0, nCLK0 and
CLK1, nCLK1 pairs can accept most standard differential input
levels. The clock enable is internally synchronized to eliminate runt
clock pulses on the outputs during asynchronous assertion/
deassertion of the clock enable pin.
Guaranteed output and part-to-part skew characteristics make the
ICS85314I-11 ideal for those applications demanding well defined
performance and repeatability.
Features
• Five differential 2.5V/3.3V LVPECL outputs
• Selectable differential CLKx, nCLKx inputs
• CLK0, nCLK0 and CLK1, nCLK1 pairs can accept the following
differential input levels: LVPECL, LVDS, LVHSTL, HCSL, SSTL
• Maximum output frequency: 700MHz
• Translates any single-ended input signal to 3.3V
LVPECL levels with resistor bias on nCLK input
• Output skew: 30ps (maximum)
• Propagation delay: 1.8ns (maximum)
• LVPECL mode operating voltage supply range:
VCC = 2.375V to 3.8V, VEE = 0V
• -40°C to 85°C ambient operating temperature
• Lead-free (RoHS 6) packaging




Similar Part No. - ICS85314I-11

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS85314I-11 ICST-ICS85314I-11 Datasheet
250Kb / 18P
LOW SKEW, 1-TO-5 DIFFERENTIAL-TO-2.5V/3.3V LVPECL FANOUT BUFFER
REV. C MAY 24, 2005
logo
Integrated Device Techn...
ICS85314I-11 IDT-ICS85314I-11 Datasheet
459Kb / 21P
LVPECL Fanout Buffer
More results


Similar Description - ICS85314I-11

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS853014 ICST-ICS853014 Datasheet
470Kb / 17P
LOW SKEW, 1-TO-5 2.5V/3.3V DIFFERENTIAL-TO-LVPECL/ECL FANOUT BUFFER
REV. C MAY 13, 2005
ICS85314-01 ICST-ICS85314-01 Datasheet
112Kb / 15P
LOW SKEW, 1-TO-5 DIFFERENTIAL-TO-2.5V/3.3V LVPECL FANOUT BUFFER
REV. B JUNE 21, 2002
ICS85314I-01 ICST-ICS85314I-01 Datasheet
252Kb / 19P
LOW SKEW, 1-TO-5 DIFFERENTIAL-TO-2.5V/3.3V LVPECL FANOUT BUFFER
REV. E SEPTEMBER 23, 2005
ICS85314I-11 ICST-ICS85314I-11 Datasheet
250Kb / 18P
LOW SKEW, 1-TO-5 DIFFERENTIAL-TO-2.5V/3.3V LVPECL FANOUT BUFFER
REV. C MAY 24, 2005
logo
Integrated Device Techn...
ICS853014 IDT-ICS853014 Datasheet
1Mb / 19P
LOW SKEW, 1-TO-5, DIFFERENTIAL-TO- 2.5V, 3.3V LVPECL/ECL FANOUT BUFFER
logo
Integrated Circuit Syst...
ICS858012 ICST-ICS858012 Datasheet
231Kb / 15P
LOW SKEW, 1-TO-2, DIFFERENTIAL-TO-2.5V, 3.3V LVPECL FANOUT BUFFER
REV. A NOVEMBER 28, 2005
logo
Texas Instruments
LMK00725 TI1-LMK00725 Datasheet
1,006Kb / 23P
Low Skew, 1-to-5, Differential-to-3.3V LVPECL Fanout Buffer
logo
Renesas Technology Corp
85314I-01 RENESAS-85314I-01 Datasheet
473Kb / 21P
Low Skew, 1-to-5 Differential-to-2.5V/3.3V LVPECL Fanout Buffer
DECEMBER 19, 2014
ICS853S004I RENESAS-ICS853S004I Datasheet
474Kb / 21P
Low Skew, 1-to-4, Differential-to-2.5V, 3.3V LVPECL Fanout Buffer
May 27, 2017
ICS853S014I RENESAS-ICS853S014I Datasheet
445Kb / 21P
Low Skew, 1-to-5, Differential-to-2.5V, 3.3V LVPECL/ECL Fanout Buffer
MAY 23, 2013
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com