Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD404669 Datasheet (PDF) - Renesas Technology Corp

HD404669 Datasheet PDF - Renesas Technology Corp
Part # HD404669
Download  HD404669 Download
File Size   680.83 Kbytes
Page   146 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low-Voltage AS Microcomputers with On-Chip DTMF Generation Circuit

HD404669 Datasheet (PDF)

Go To PDF Page Download Datasheet
HD404669 Datasheet PDF - Renesas Technology Corp

Part # HD404669
Download  HD404669 Click to download

File Size   680.83 Kbytes
Page   146 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low-Voltage AS Microcomputers with On-Chip DTMF Generation Circuit

HD404669 Datasheet (HTML) - Renesas Technology Corp


HD404669 Product details

Features
· 1,152-digit ´ 4-bit RAM
· I/O pins: 47
¾ High-current I/O pins (source: 10 mA max.): 4
¾ High-current I/O pins (sink: 15 mA max.): 5
· Timer counters: 3
· Input capture: one 8-bit channel
· Timer outputs: 2 (with PWM output capability)
· Event input: 1 (edge-programmable)
· Clock synchronous 8-bit serial interface: 1
· DTMF generation circuit
· Comparator: 2 channels
· System clock oscillator
Ceramic oscillator, crystal oscillator, or external clock operation possible




Similar Part No. - HD404669

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD404669 HITACHI-HD404669 Datasheet
455Kb / 142P
Low-Voltage AS Microcomputers with On-Chip DTMF Generation Circuit
HD404669H HITACHI-HD404669H Datasheet
455Kb / 142P
Low-Voltage AS Microcomputers with On-Chip DTMF Generation Circuit
More results


Similar Description - HD404669

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
E202075_HD404889 RENESAS-E202075_HD404889 Datasheet
670Kb / 202P
Low-Voltage AS Microcomputers with On-Chip LCD Circuit
logo
Hitachi Semiconductor
HD6413258 HITACHI-HD6413258 Datasheet
11Mb / 246P
Single-Chip Microcomputers
HD404669 HITACHI-HD404669 Datasheet
455Kb / 142P
Low-Voltage AS Microcomputers with On-Chip DTMF Generation Circuit
HD404202 HITACHI-HD404202 Datasheet
3Mb / 67P
CMOS 4-bit Single-Chip Microcomputers with the same architecture as the HMCS400 Series
logo
Renesas Technology Corp
HD404374 RENESAS-HD404374 Datasheet
868Kb / 161P
Low-Voltage AS Microcomputers with On-Chip A/D Converter
HD404629R RENESAS-HD404629R Datasheet
720Kb / 157P
AS Microcomputer Incorporating a DTMF Generator Circuit
HD404889 RENESAS-HD404889_03 Datasheet
1Mb / 197P
Low-Voltage AS Microcomputers with On-Chip LCD Circuit
H83814 RENESAS-H83814 Datasheet
1Mb / 456P
single-chip microcomputers
logo
Xilinx, Inc
XCR5064 XILINX-XCR5064 Datasheet
449Kb / 16P
On-chip supervoltage generation
logo
United Monolithic Semic...
UM9204 UMS-UM9204 Datasheet
92Kb / 1P
On-chip DTMF generator
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com