Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD404374 Datasheet (PDF) - Renesas Technology Corp

HD404374 Datasheet PDF - Renesas Technology Corp
Part # HD404374
Download  HD404374 Download
File Size   868.0 Kbytes
Page   161 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low-Voltage AS Microcomputers with On-Chip A/D Converter

HD404374 Datasheet (PDF)

Go To PDF Page Download Datasheet
HD404374 Datasheet PDF - Renesas Technology Corp

Part # HD404374
Download  HD404374 Click to download

File Size   868.0 Kbytes
Page   161 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low-Voltage AS Microcomputers with On-Chip A/D Converter

HD404374 Datasheet (HTML) - Renesas Technology Corp


HD404374 Product details

Description
The HD404374, HD404384, and HD404389 Series comprise low-voltage, 4-bit single-chip microcomputers equipped with four 10-bit A/D converter channels, a serial interface, and large-current I/O pins. These devices are suitable for use in applications requiring high resolution A/D converter control, such as battery chargers.
The HD404082 and HD404084 series offer less advanced features than the HD404384 series. They are 4-bit microcomputers that support low-voltage operation for backward software compatibility.
HD404374 Series microcomputers have a 32.768 kHz sub-resonator for realtime clock use, providing a time counting facility, and a variety of low-power modes to reduce current drain.

Features
• 20 I/O pins
    Large-current I/O pins (source: 10 mA max.):4
    Large-current I/O pins (sink: 15 mA max.):4
    Analog input multiplexed pins: 4 (HD404374, HD404384, and HD404389 Series)
• 8-bit timer: 1 channel
    16-bit timer: 1 channel (Can also be used as two 8-bit timer channels)
• Two timer outputs (including PWM output)
• Event counter inputs (edge-programmable)
• Clock-synchronous 8-bit serial interface
• A/D converter
    4 channels × 10-bits (HD404374 and HD404384 Series)
    6 channels × 10-bits (HD404389 Series)
    None (HD404082 and HD404084 Series)
Note: * CR oscillation in an optional function.
• Interrupts
    External: 2 (including one edge-programmable)
    Internal : 5 (HD404374/HD404384/HD404389 Series)
    : 4 (HD404082/HD404084 Series)
• Subroutine stack up to 16 levels, including interrupts
• Low-power dissipation modes
     HD404374 Series: 4
     HD404384, HD404389, HD404082, and HD404084 Series: 2
• Module standby (timers, serial interface, A/D converter)
• System clock division software switching (1/4 or 1/32)
• Inputs for return from stop mode (wakeup): 1
• Instruction execution time
    Min. 0.89 µs (fOSC = 4.5 MHz, division by 1/4)
    Min. 0.47 µs (fOSC = 8.5 MHz, division by 1/4)
• Operation voltage
    1.8 V to 5.5 V
    2.0 V to 5.5 V (ZTATTM)




Similar Part No. - HD404374

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD404302RF HITACHI-HD404302RF Datasheet
2Mb / 53P
CMOS 4-BIT SINGLE-CHIP MICROCOMPUTER
HD404302RP HITACHI-HD404302RP Datasheet
2Mb / 53P
CMOS 4-BIT SINGLE-CHIP MICROCOMPUTER
HD404302RS HITACHI-HD404302RS Datasheet
2Mb / 53P
CMOS 4-BIT SINGLE-CHIP MICROCOMPUTER
HD404304 HITACHI-HD404304 Datasheet
2Mb / 53P
CMOS 4-BIT SINGLE-CHIP MICROCOMPUTER
HD404304F HITACHI-HD404304F Datasheet
2Mb / 53P
CMOS 4-BIT SINGLE-CHIP MICROCOMPUTER
More results


Similar Description - HD404374

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC72344W SANYO-LC72344W Datasheet
90Kb / 13P
Low-Voltage ETR Controller with On-Chip DC-DC Converter
LC78832M SANYO-LC78832M Datasheet
177Kb / 8P
16-Bit D/A Converter LSI with On-Chip Digital Filters
LC78857V SANYO-LC78857V Datasheet
199Kb / 11P
Digital Audio D/A Converter IC with On-Chip Digital Filters
logo
Sharp Corporation
SM5K3 SHARP-SM5K3 Datasheet
233Kb / 28P
4-Bit Single-Chip Microcomputers(Controllers With 10-Bit A/D Converter)
logo
NEC
UPD7810 NEC-UPD7810 Datasheet
1Mb / 26P
8 BIT SINGLE CHIP NMOS MICROCOMPUTERS WITH A/D CONVERTER
logo
Renesas Technology Corp
E202075_HD404889 RENESAS-E202075_HD404889 Datasheet
670Kb / 202P
Low-Voltage AS Microcomputers with On-Chip LCD Circuit
logo
Cirrus Logic
CS53L32A CIRRUS-CS53L32A Datasheet
716Kb / 40P
Low Voltage, Stereo A/D Converter
logo
Hitachi Semiconductor
HD404669 HITACHI-HD404669 Datasheet
455Kb / 142P
Low-Voltage AS Microcomputers with On-Chip DTMF Generation Circuit
logo
Renesas Technology Corp
HD404889 RENESAS-HD404889_03 Datasheet
1Mb / 197P
Low-Voltage AS Microcomputers with On-Chip LCD Circuit
HD404669 RENESAS-HD404669 Datasheet
680Kb / 146P
Low-Voltage AS Microcomputers with On-Chip DTMF Generation Circuit
Sept. 1999
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com