Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS53L32A Datasheet (PDF) - Cirrus Logic

CS53L32A Datasheet PDF - Cirrus Logic
Part # CS53L32A
Download  CS53L32A Download
File Size   716.42 Kbytes
Page   40 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description Low Voltage, Stereo A/D Converter

CS53L32A Datasheet (PDF)

Go To PDF Page Download Datasheet
CS53L32A Datasheet PDF - Cirrus Logic

Part # CS53L32A
Download  CS53L32A Click to download

File Size   716.42 Kbytes
Page   40 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description Low Voltage, Stereo A/D Converter

CS53L32A Datasheet (HTML) - Cirrus Logic


CS53L32A Product details

DESCRIPTION
The CS53L32A is a highly integrated, 24-bit, 96 kHz audio ADC providing stereo analog-to-digital converters using delta-sigma conversion techniques. This device includes volume control and line level inputs in a 20-pin TSSOP package.

FEATURES
● 20-Pin TSSOP package
● 1.8 V to 3.3 V supply
● 24-bit conversion / 96 kHz sample rate
● 98 dB dynamic range at 3 V supply
● -88 dBFS THD+N
● Low power consumption
    – 11 mW at 1.8 V
● Up to 32 dB gain
    – 20 dB gain step
    – 12 dB variable input gain, 1 dB steps
    – Changes made at zero crossings
● Stereo inputs
● Digital volume control
    – 96 dB attenuation, 1 dB step size
    – Mute
    – Soft ramping
● 2:1 Input mux




Similar Part No. - CS53L32A

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS53L30 CIRRUS-CS53L30 Datasheet
3Mb / 67P
Low-Power Quad-Channel Microphone ADC with TDM Output
More results


Similar Description - CS53L32A

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4327 CIRRUS-CS4327 Datasheet
1Mb / 36P
Low Cost, 20-Bit, Stereo, Audio D/A Converter
CS5333 CIRRUS-CS5333 Datasheet
375Kb / 20P
24-Bit, 96 kHz Stereo A/D Converter?
logo
Holtek Semiconductor In...
HT82V738 HOLTEK-HT82V738 Datasheet
120Kb / 9P
24-Bit Stereo Audio D/A Converter
October 16, 2003
logo
Elite Semiconductor Mem...
AD12250A ESMT-AD12250A Datasheet
132Kb / 3P
24 bit, 96 kHz Stereo A/D Converter
logo
Unisonic Technologies
M1725 UTC-M1725_15 Datasheet
221Kb / 10P
16-BIT,96KHZ STEREO AUDIO D/A CONVERTER
M4334 UTC-M4334_15 Datasheet
248Kb / 9P
STEREO AUDIO D/A CONVERTER 24BITS,96KHZ SAMPLING
logo
Texas Instruments
PCM1803 TI1-PCM1803_09 Datasheet
447Kb / 23P
96-kHz STEREO A/D CONVERTER
PCM1804 TI1-PCM1804_14 Datasheet
611Kb / 36P
STEREO A/D CONVERTER
PCM1807 TI1-PCM1807_15 Datasheet
796Kb / 33P
96-kHz Stereo A/D Converter
logo
Jiaxing Heroic Technolo...
HT5010 HEROIC-HT5010 Datasheet
586Kb / 4P
24-Bit, 192kHz Stereo D/A Converter
More results




About Cirrus Logic


Cirrus Logic is an American company that specializes in the design and manufacture of high-precision analog and mixed-signal integrated circuits (ICs).
The company was founded in 1984 and is headquartered in Austin, Texas, USA.
Cirrus Logic offers a wide range of products including audio converters, audio codecs, digital signal processors, and other analog and mixed-signal ICs.
The company's products are used in various applications such as consumer electronics, automotive audio systems, and professional audio equipment.
Cirrus Logic is known for its expertise in analog and mixed-signal technology, high-quality products, and innovation in the field of audio and voice processing.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com