Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS53L32A Datasheet(PDF) 8 Page - Cirrus Logic

Part # CS53L32A
Description  Low Voltage, Stereo A/D Converter
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS53L32A Datasheet(HTML) 8 Page - Cirrus Logic

Back Button CS53L32A Datasheet HTML 4Page - Cirrus Logic CS53L32A Datasheet HTML 5Page - Cirrus Logic CS53L32A Datasheet HTML 6Page - Cirrus Logic CS53L32A Datasheet HTML 7Page - Cirrus Logic CS53L32A Datasheet HTML 8Page - Cirrus Logic CS53L32A Datasheet HTML 9Page - Cirrus Logic CS53L32A Datasheet HTML 10Page - Cirrus Logic CS53L32A Datasheet HTML 11Page - Cirrus Logic CS53L32A Datasheet HTML 12Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
CS53L32A
8
DS513F1
POWER AND THERMAL CHARACTERISTICS
Notes: 6. Power Down Mode is defined as the chip being held in reset with MCLK running. To lower power
consumption further, remove MCLK.
7.
Valid with the recommended capacitor values on FILT+ and VQ as shown in Figure 6.
Base-Rate Mode
High-Rate Mode
Parameters
Symbol
Min
Typ
Max
Min
Typ
Max
Units
Power Supplies
Power Supply Current-
VA=1.8 V
Normal Operation
VL=1.8 V
IA
ID_IO
-
-
6.0
150
-
-
-
-
7.6
300
-
-
mA
µA
Power Supply Current-
VA=1.8 V
Power Down Mode
(Note 6)
VL=1.8 V
IA
ID_IO
-
-
100
0
-
-
-
-
250
0
-
-
µA
µA
Power Supply Current-
VA=3.0 V
Normal Operation
VL=3.0 V
IA
ID_IO
-
-
9
260
-
-
-
-
11.5
520
-
-
mA
µA
Power Supply Current-
VA=3.0 V
Power Down Mode
VL=3.0 V
IA
ID_IO
-
-
250
0
-
-
-
-
500
0
-
-
µA
µA
Total Power Dissipation-
All Supplies=1.8 V
Normal Operation
All Supplies=3.0 V
-
-
11
28
12
31
-
-
14.5
36
16
40
mW
mW
Package Thermal Resistance
θJA
-75
-
-
75
-
°C/Watt
Power Supply Rejection Ratio
(1 kHz)
(Note 7)
(60 Hz)
PSRR
-
-
60
40
-
-
-
-
60
40
-
-
dB
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com