Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS53L32A Datasheet(PDF) 20 Page - Cirrus Logic

Part # CS53L32A
Description  Low Voltage, Stereo A/D Converter
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS53L32A Datasheet(HTML) 20 Page - Cirrus Logic

Back Button CS53L32A Datasheet HTML 16Page - Cirrus Logic CS53L32A Datasheet HTML 17Page - Cirrus Logic CS53L32A Datasheet HTML 18Page - Cirrus Logic CS53L32A Datasheet HTML 19Page - Cirrus Logic CS53L32A Datasheet HTML 20Page - Cirrus Logic CS53L32A Datasheet HTML 21Page - Cirrus Logic CS53L32A Datasheet HTML 22Page - Cirrus Logic CS53L32A Datasheet HTML 23Page - Cirrus Logic CS53L32A Datasheet HTML 24Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 40 page
background image
CS53L32A
20
DS513F1
4.5
MASTER CLOCK DIVIDE
Interface Control Register (address 02h)
Access:
R/W in Two Wire Mode and write only in SPI.
Default:
0 - Disabled
Function:
Divides MCLK by two prior to all other chip circuitry.
4.6
MASTER CLOCK RATIO
Interface Control Register (address 02h)
Access:
R/W in Two Wire Mode and write only in SPI.
Default:
0 - 128x
Function:
Sets the ratio of MCLK to LRCK.
76543
210
RESERVED
MCLKDIV
RATIO1
RATIO0
MASTER
DIF2
DIF1
DIF0
MCLKDIV
MODE
0
Disabled
1
Enabled
Table 4. Master Clock Divide Select
76543
210
RESERVED
MCLKDIV
RATIO1
RATIO0
MASTER
DIF2
DIF1
DIF0
RATIO1,0
MCLK/LRCK RATIO (MCLKDIV=0)
MCLK/LRCK RATIO (MCLKDIV=1)
0
128x
256x
1
192x
384x
2
256x
512x
3
384x
768x
Table 5. MCLK/LRCK Ratios



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com