Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS53L32A Datasheet(PDF) 15 Page - Cirrus Logic

Part # CS53L32A
Description  Low Voltage, Stereo A/D Converter
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS53L32A Datasheet(HTML) 15 Page - Cirrus Logic

Back Button CS53L32A Datasheet HTML 11Page - Cirrus Logic CS53L32A Datasheet HTML 12Page - Cirrus Logic CS53L32A Datasheet HTML 13Page - Cirrus Logic CS53L32A Datasheet HTML 14Page - Cirrus Logic CS53L32A Datasheet HTML 15Page - Cirrus Logic CS53L32A Datasheet HTML 16Page - Cirrus Logic CS53L32A Datasheet HTML 17Page - Cirrus Logic CS53L32A Datasheet HTML 18Page - Cirrus Logic CS53L32A Datasheet HTML 19Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 40 page
background image
CS53L32A
DS513F1
15
3.
REGISTER QUICK REFERENCE
** “default” ==> bit status after power-up-sequence or reset.
3.1
I/O and Power Control (address 01h)
BOOST
20 dB Digital Gain
Default = ‘0’
0 - Disabled
1 - Enabled
AINMUX
Analog Input Multiplexer
Default =’0’.
0 - AIN_L1/AIN_R1 direct to A/D (default)
1 - AIN_L2/AIN_R2 direct to A/D
2 - AIN_L2/AIN_R2 through PGA to A/D
3 - Reserved
PDN
Power-Down
Default =’1’.
0 - Disabled
1 - Enabled
CP_EN
Control Port Enable
Default =’0’.
0 - Disabled
1 - Enabled
3.2
Interface Control (address 02h)
MCLKDIV
Master Clock Divider
Default =’0’.
0 - Disabled
1 - Enabled
RATIO1-0
Master Clock Ratio
Default =’0’.
0 - 128x (default)
1 - 192x
2 - 256x
3 - 384x
MASTER
Master Mode
Default =’0’.
0 - Slave Mode
1 - Master Mode
76543
210
RESERVED
BOOST
AINMUX1
AINMUX0
RESERVED
RESERVED
PDN
CP_EN
00000
010
76543
210
RESERVED
MCLKDIV
RATIO1
RATIO0
MASTER
DIF2
DIF1
DIF0
00000
000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com