Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS53L32A Datasheet(PDF) 17 Page - Cirrus Logic

Part # CS53L32A
Description  Low Voltage, Stereo A/D Converter
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS53L32A Datasheet(HTML) 17 Page - Cirrus Logic

Back Button CS53L32A Datasheet HTML 13Page - Cirrus Logic CS53L32A Datasheet HTML 14Page - Cirrus Logic CS53L32A Datasheet HTML 15Page - Cirrus Logic CS53L32A Datasheet HTML 16Page - Cirrus Logic CS53L32A Datasheet HTML 17Page - Cirrus Logic CS53L32A Datasheet HTML 18Page - Cirrus Logic CS53L32A Datasheet HTML 19Page - Cirrus Logic CS53L32A Datasheet HTML 20Page - Cirrus Logic CS53L32A Datasheet HTML 21Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 40 page
background image
CS53L32A
DS513F1
17
3.4
Left Channel Digital Volume Control (address 04h)
3.5
Right Channel Digital Volume Control (address 05h)
VOL7-0
Volume
Default = ‘0’.
(Refer to Table 13)
3.6
Analog Gain Control (address 06h)
LVOL3-0
Left Analog Gain
Default = ‘0’.
(Refer to Table 14)
RVOL3-0
Right Analog Gain
Default = ‘0’.
(Refer to Table 14)
3.7
Clip Detection Status (address 07h)
CLIP_L_FLAG
Left Channel Clip Detection
CLIP_R_FLAG
Right Channel Clip Detection
Default = ‘0’.
0 - No Clipping Detected
1 - Clipping Detected
76543
210
VOL7
VOL6
VOL5
VOL4
VOL3
VOL2
VOL1
VOL0
00000
000
76543
210
LVOL3
LVOL2
LVOL1
LVOL0
RVOL3
RVOL2
RVOL1
RVOL0
00000
000
76543
210
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
CLIP_L_FLAG CLIP_R_FLAG
00000
000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com