Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS53L32A Datasheet(PDF) 1 Page - Cirrus Logic

Part # CS53L32A
Description  Low Voltage, Stereo A/D Converter
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS53L32A Datasheet(HTML) 1 Page - Cirrus Logic

  CS53L32A Datasheet HTML 1Page - Cirrus Logic CS53L32A Datasheet HTML 2Page - Cirrus Logic CS53L32A Datasheet HTML 3Page - Cirrus Logic CS53L32A Datasheet HTML 4Page - Cirrus Logic CS53L32A Datasheet HTML 5Page - Cirrus Logic CS53L32A Datasheet HTML 6Page - Cirrus Logic CS53L32A Datasheet HTML 7Page - Cirrus Logic CS53L32A Datasheet HTML 8Page - Cirrus Logic CS53L32A Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
Copyright
© Cirrus Logic, Inc. 2004
(All Rights Reserved)
http://www.cirrus.com
FEATURES
20-Pin TSSOP package
1.8 V to 3.3 V supply
24-bit conversion / 96 kHz sample rate
98 dB dynamic range at 3 V supply
-88 dBFS THD+N
Low power consumption
–11 mW at 1.8 V
Up to 32 dB gain
– 20 dB gain step
– 12 dB variable input gain, 1 dB steps
– Changes made at zero crossings
Stereo inputs
Digital volume control
– 96 dB attenuation, 1 dB step size
–Mute
– Soft ramping
2:1 Input mux
DESCRIPTION
The CS53L32A is a highly integrated, 24-bit, 96 kHz au-
dio ADC providing stereo analog-to-digital converters
using delta-sigma conversion techniques. This device in-
cludes volume control and line level inputs in a 20-pin
TSSOP package.
The CS53L32A is based on delta-sigma modulation al-
lowing infinite adjustment of the sample rate between
2 kHz and 100 kHz simply by changing the master clock
frequency.
The CS53L32A contains adjustable analog gain, a 2:1
input mux, and digital attenuation.
The CS53L32A operates from a +1.8 V to +3.3 V supply.
These features are ideal for portable MP3 players, MD
recorders/players, digital camcorders, PDAs, set-top
boxes, and other portable systems that require extreme-
ly low power consumption in a minimum of space.
ORDERING INFORMATION
CS53L32A-KZ
20-pin TSSOP
-10 to 70 °C
CS53L32A-KZZ
20-pin TSSOP
-10 to 70 °C
Lead free
CS53L32A-BZ
20-pin TSSOP
-40 to 85 °C
CDB53L32A
Evaluation Board
I I
SCL/CCLK/
SDA/CDIN/DIF
Control Port
RST
LRCK
SCLK
MCLK
VA
GND
VQ
FILT+
REF_GND
AIN_L1
AIN_L2
AIN_R1
AIN_R2
ADC
ADC
Digital
Filters
Attenuator
0-96 dB
SDOUT
AD0/CS/DIV
Attenuator
0-96 dB
Gain
Gain
AFLTL
AFLTR
ChSEL
VL
CS53L32A
Low Voltage, Stereo A/D Converter
OCT ‘04
DS513F1


Similar Part No. - CS53L32A

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS53L30 CIRRUS-CS53L30 Datasheet
3Mb / 67P
Low-Power Quad-Channel Microphone ADC with TDM Output
More results

Similar Description - CS53L32A

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4327 CIRRUS-CS4327 Datasheet
1Mb / 36P
Low Cost, 20-Bit, Stereo, Audio D/A Converter
CS5333 CIRRUS-CS5333 Datasheet
375Kb / 20P
24-Bit, 96 kHz Stereo A/D Converter?
logo
Holtek Semiconductor In...
HT82V738 HOLTEK-HT82V738 Datasheet
120Kb / 9P
24-Bit Stereo Audio D/A Converter
October 16, 2003
logo
Elite Semiconductor Mem...
AD12250A ESMT-AD12250A Datasheet
132Kb / 3P
24 bit, 96 kHz Stereo A/D Converter
logo
Unisonic Technologies
M1725 UTC-M1725_15 Datasheet
221Kb / 10P
16-BIT,96KHZ STEREO AUDIO D/A CONVERTER
M4334 UTC-M4334_15 Datasheet
248Kb / 9P
STEREO AUDIO D/A CONVERTER 24BITS,96KHZ SAMPLING
logo
Texas Instruments
PCM1803 TI1-PCM1803_09 Datasheet
447Kb / 23P
96-kHz STEREO A/D CONVERTER
PCM1804 TI1-PCM1804_14 Datasheet
611Kb / 36P
STEREO A/D CONVERTER
PCM1807 TI1-PCM1807_15 Datasheet
796Kb / 33P
96-kHz Stereo A/D Converter
logo
Jiaxing Heroic Technolo...
HT5010 HEROIC-HT5010 Datasheet
586Kb / 4P
24-Bit, 192kHz Stereo D/A Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com