Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS53L32A Datasheet(PDF) 22 Page - Cirrus Logic

Part # CS53L32A
Description  Low Voltage, Stereo A/D Converter
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS53L32A Datasheet(HTML) 22 Page - Cirrus Logic

Back Button CS53L32A Datasheet HTML 18Page - Cirrus Logic CS53L32A Datasheet HTML 19Page - Cirrus Logic CS53L32A Datasheet HTML 20Page - Cirrus Logic CS53L32A Datasheet HTML 21Page - Cirrus Logic CS53L32A Datasheet HTML 22Page - Cirrus Logic CS53L32A Datasheet HTML 23Page - Cirrus Logic CS53L32A Datasheet HTML 24Page - Cirrus Logic CS53L32A Datasheet HTML 25Page - Cirrus Logic CS53L32A Datasheet HTML 26Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 40 page
background image
CS53L32A
22
DS513F1
4.9
LEFT/RIGHT CHANNEL MUTE
Analog I/O Control (address 03h)
Access:
R/W in Two Wire Mode and write only in SPI.
Default:
0 - Disabled
Function:
Digital mute of the left and right channels.
4.10
SOFT RAMP AND ZERO CROSS ENABLE
Analog I/O Control Register (address 03h)
Access:
R/W in Two Wire Mode and write only in SPI.
Default:
11 - Soft Ramp and Zero Cross enabled
Function:
Soft Ramp Enable
Soft Ramp allows level changes, both muting and attenuation, to be implemented via an incremental
ramp. Digital volume control is ramped from the current level to the new level at a rate of 1/8 dB per
left/right clock period. Analog volume control is ramped in 1 dB steps every 8 left/right clock periods
in Base Rate mode, and 1 dB every 16 left/right clock periods in High Rate mode.
Zero Cross Enable
Zero Cross Enable dictates that signal level changes, either by attenuation changes or muting, will
occur on a signal zero crossing to minimize audible artifacts. The requested level change will occur
after a timeout period of 512 sample periods in BRM or 1024 sample periods in HRM (approximately
10.7 ms at 48 kHz sample rate) if the signal does not encounter a zero crossing. The zero cross func-
tion is independently monitored and implemented for each channel.
76543
210
MUTEL
MUTER
SOFT
ZC
RESERVED
INDVC
L=R
HPFREEZE
MUTEL/
MUTER
MODE
0
Disabled
1
Enabled
Table 8. Left/Right Channel Mute Enable
76543
210
MUTEL
MUTER
SOFT
ZC
RESERVED
INDVC
L=R
HPFREEZE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com