Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS53L32A Datasheet(PDF) 19 Page - Cirrus Logic

Part # CS53L32A
Description  Low Voltage, Stereo A/D Converter
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS53L32A Datasheet(HTML) 19 Page - Cirrus Logic

Back Button CS53L32A Datasheet HTML 15Page - Cirrus Logic CS53L32A Datasheet HTML 16Page - Cirrus Logic CS53L32A Datasheet HTML 17Page - Cirrus Logic CS53L32A Datasheet HTML 18Page - Cirrus Logic CS53L32A Datasheet HTML 19Page - Cirrus Logic CS53L32A Datasheet HTML 20Page - Cirrus Logic CS53L32A Datasheet HTML 21Page - Cirrus Logic CS53L32A Datasheet HTML 22Page - Cirrus Logic CS53L32A Datasheet HTML 23Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 40 page
background image
CS53L32A
DS513F1
19
4.3
POWER-DOWN
I/O and Power Control Register (address 01h)
Access:
R/W in Two Wire Mode and write only in SPI.
Default:
1 - Enabled
Function:
The entire device will enter a low-power state whenever this function is activated. The power-down
bit defaults to ‘enabled’ on power-up and must be disabled before normal operation will begin. The
contents of the control registers are retained when this mode is enabled.
4.4
CONTROL PORT ENABLE
I/O and Power Control Register (address 01h)
Access:
R/W in Two Wire Mode and write only in SPI.
Default:
0 - Disabled
Function:
The CS53L32A will enter Control Port mode when this bit is enabled. Stand-Alone is the default power
up mode. See Section 6.3,
Recommended Power-up Sequence, for more details.
76543
210
RESERVED
BOOST
AINMUX1
AINMUX0
RESERVED
RESERVED
PDN
CP_EN
PDN
MODE
0
Disabled
1
Enabled
Table 2. Power-Down Enable
76543
210
RESERVED
BOOST
AINMUX1
AINMUX0
RESERVED
RESERVED
PDN
CP_EN
CP_EN
MODE
0Disabled
1
Enabled
Table 3. Control Port Enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com