Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS53L32A Datasheet(PDF) 27 Page - Cirrus Logic

Part # CS53L32A
Description  Low Voltage, Stereo A/D Converter
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS53L32A Datasheet(HTML) 27 Page - Cirrus Logic

Back Button CS53L32A Datasheet HTML 23Page - Cirrus Logic CS53L32A Datasheet HTML 24Page - Cirrus Logic CS53L32A Datasheet HTML 25Page - Cirrus Logic CS53L32A Datasheet HTML 26Page - Cirrus Logic CS53L32A Datasheet HTML 27Page - Cirrus Logic CS53L32A Datasheet HTML 28Page - Cirrus Logic CS53L32A Datasheet HTML 29Page - Cirrus Logic CS53L32A Datasheet HTML 30Page - Cirrus Logic CS53L32A Datasheet HTML 31Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 40 page
background image
CS53L32A
DS513F1
27
5.
PIN DESCRIPTION
Interface Power
VL
RST
Reset
Master Clock
MCLK
VQ
Quiescent Voltage
Serial Clock
SCLK
AIN_L1
Analog Input 1 Left
Serial Audio Data Out
SDOUT
AIN_R1
Analog Input 1 Right
Analog Power
VA
REF_GND
Reference Ground
Ground
GND
AIN_L2
Analog Input 2 Left
Left/Right Clock
LRCK
AIN_R2
Analog Input 2 Right
AD0/CS/DIV
AD0/CS/DIV
FILT+
Positive Voltage Reference
SDA/CDIN/DIF
SDA/CDIN/DIF
AFLTL
Anti-Aliasing Capacitor
SCL/CCLK/ChSEL SCL/CCLK/ChSEL
AFLTR
Anti-Aliasing Capacitor
1
2
3
4
5
6
7
8
9
10
11
12
5
1
2
6
20
19
18
17
16
15
14
13
Interface Power
1
VL
(
Input) - Digital interface power supply. Typically 1.8 to 3.3 VDC.
Master Clock
2
MCLK
(
Input) - The master clock frequency must be either 256x, 384x,
512x, 768x or 1024x the input sample rate in Base Rate Mode (BRM) and
128x, 192x, 256x, 384x the input sample rate in High Rate Mode (HRM).
Table 16 illustrates several standard audio sample rates and the required
master clock frequencies.
Serial Clock
3
SCLK
(
Input/Output) - Clocks the individual bits of the serial data out of the
SDOUT pin. The required relationship between the Left/Right clock, serial
clock and serial data is defined by the DIF2-0 bytes when in Control Port
mode or by the DIF1-0 pins when in Stand-Alone mode.
Serial Audio Data Out
4
SDOUT
(
Output) - This pin serves two functions.
First: Two's complement MSB-first serial data is output on this pin. The data
is clocked out of SDOUT via the serial clock and the channel is determined
by the Left/Right clock. The required relationship between the Left/Right
clock, serial clock and serial data is defined by the DIF2-0 bytes when in
Control Port mode or by the DIF pin when in Stand-Alone mode.
Second: In Stand-alone mode, Master/Slave mode selection is determined,
at start-up, by a 47 kOhm pull-up/pull-down on this line. A pull-up to VL
selects Master mode and a pull-down to GND selects Slave mode.
Analog Power
5
VA
(
Input) - Analog power supply. Typically 1.8 to 3.3 VDC.
Ground
6
GND
(
Input) - Ground Reference.
Left/Right Clock
7
LRCK
(
Input/Output) - The Left/Right clock determines which channel is cur-
rently being output on the serial audio data line SDOUT. The frequency of
the Left/Right clock must be at the input sample rate. The required relation-
ship between the Left/Right clock, serial clock and serial data is defined by
the DIF2-0 bytes when in Control Port mode or by the DIF pin when in
Stand-Alone mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com