Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS53L32A Datasheet(PDF) 4 Page - Cirrus Logic

Part # CS53L32A
Description  Low Voltage, Stereo A/D Converter
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS53L32A Datasheet(HTML) 4 Page - Cirrus Logic

  CS53L32A Datasheet HTML 1Page - Cirrus Logic CS53L32A Datasheet HTML 2Page - Cirrus Logic CS53L32A Datasheet HTML 3Page - Cirrus Logic CS53L32A Datasheet HTML 4Page - Cirrus Logic CS53L32A Datasheet HTML 5Page - Cirrus Logic CS53L32A Datasheet HTML 6Page - Cirrus Logic CS53L32A Datasheet HTML 7Page - Cirrus Logic CS53L32A Datasheet HTML 8Page - Cirrus Logic CS53L32A Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
CS53L32A
4
DS513F1
1.
CHARACTERISTICS/SPECIFICATIONS
ANALOG CHARACTERISTICS (T
A = 25° C; Logic “1” = VL = 1.8 V; Logic “0” = GND = 0 V; MCLK =
12.288 MHz; Fs for Base-rate Mode = 48 kHz, SCLK = 3.072 MHz, Measurement Bandwidth 10 Hz to 20 kHz,
unless otherwise specified. Fs for High-Rate Mode = 96 kHz, SCLK = 6.144 MHz, Measurement Bandwidth 10 Hz
to 20 kHz, unless otherwise specified. Input signal is a 997 Hz sine wave.)
Parameter
Symbol
Base-rate Mode
High-rate Mode
Unit
Min
Typ
Max
Min
Typ
Max
CS53L32A-KZ/KZZ Analog Input Characteristics for VA = 1.8 V
Dynamic Range
A-weighted
unweighted
88
85
93
90
-
-
89
86
94
91
-
-
dB
dB
Total Harmonic Distortion + Noise
(Note 1)
18 to 24-Bit
-1 dB
-20 dB
-60 dB
16-Bit
-1 dB
-20 dB
-60 dB
THD+N
-
-
-
-
-
-
-88
-70
-30
-86
-68
-28
-83
-
-
-
-
-
-
-
-
-
-
-
-88
-71
-31
-86
-68
-28
-83
-
-
-
-
-
dB
dB
dB
dB
dB
dB
Dynamic Range (PGA on)*
0 dB Gain
A-weighted
unweighted
12 dB Gain
A-weighted
unweighted
-
-
-
-
90
87
85
82
-
-
-
-
-
-
-
-
89
86
86
83
-
-
-
-
dB
dB
dB
dB
Total Harmonic Distortion + Noise (PGA on)*
(Note 1)
0 dB Gain
18 to 24-Bit
-1 dB
12 dB Gain
18 to 24-Bit
-1 dB
THD+N
-
-
85
83
-
-
-
-
84
82
-
-
dB
dB
CS53L32A-KZ/KZZ Analog Input Characteristics for VA = 3.0 V
Dynamic Range
A-weighted
unweighted
91
88
96
93
-
-
93
90
98
95
-
-
dB
dB
Total Harmonic Distortion + Noise
(Note 1)
18 to 24-Bit
-1 dB
-20 dB
-60 dB
16-Bit
-1 dB
-20 dB
-60 dB
THD+N
-
-
-
-
-
-
-88
-73
-33
-86
-68
-28
-83
-
-
-
-
-
-
-
-
-
-
-
-85
-75
-35
-83
-65
-28
-80
-
-
-
-
-
dB
dB
dB
dB
dB
dB
Dynamic Range (PGA on)*
0 dB Gain
A-weighted
unweighted
12 dB Gain
A-weighted
unweighted
-
-
-
-
93
90
88
85
-
-
-
-
-
-
-
-
92
89
89
86
-
-
-
-
dB
dB
dB
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com