Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS53L32A Datasheet(PDF) 10 Page - Cirrus Logic

Part # CS53L32A
Description  Low Voltage, Stereo A/D Converter
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS53L32A Datasheet(HTML) 10 Page - Cirrus Logic

Back Button CS53L32A Datasheet HTML 6Page - Cirrus Logic CS53L32A Datasheet HTML 7Page - Cirrus Logic CS53L32A Datasheet HTML 8Page - Cirrus Logic CS53L32A Datasheet HTML 9Page - Cirrus Logic CS53L32A Datasheet HTML 10Page - Cirrus Logic CS53L32A Datasheet HTML 11Page - Cirrus Logic CS53L32A Datasheet HTML 12Page - Cirrus Logic CS53L32A Datasheet HTML 13Page - Cirrus Logic CS53L32A Datasheet HTML 14Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
CS53L32A
10
DS513F1
SWITCHING CHARACTERISTICS (T
A = -10 to 70° C; VA = 1.7 V - 3.6 V; Inputs: Logic 0 = GND,
Logic 1 = VL, CL = 20 pF)
8.
There must be exactly 32, 48, 64, or 128 SCLK periods per LRCK transition.
9. Slave Mode operation requires an exact 50% duty cycle. Otherwise the CS53L32A will produce
erroneous data.
Parameters
Symbol
Min
Typ
Max
Units
Input Sample Rate
Base Rate Mode
High Rate Mode
Fs
Fs
2
50
-
-
50
100
kHz
kHz
MCLK Pulse Width High
MCLK/LRCK = 1024
8
-
-
ns
MCLK Pulse Width Low
MCLK/LRCK = 1024
8
-
-
ns
MCLK Pulse Width High
MCLK/LRCK = 768
10
-
-
ns
MCLK Pulse Width Low
MCLK/LRCK = 768
10
-
-
ns
MCLK Pulse Width High
MCLK/LRCK = 512
15
-
-
ns
MCLK Pulse Width Low
MCLK/LRCK = 512
15
-
-
ns
MCLK Pulse Width High
MCLK / LRCK = 384 or 192
21
-
-
ns
MCLK Pulse Width Low
MCLK / LRCK = 384 or 192
21
-
-
ns
MCLK Pulse Width High
MCLK / LRCK = 256 or 128
31
-
-
ns
MCLK Pulse Width Low
MCLK / LRCK = 256 or 128
31
-
-
ns
Master Mode
SCLK Falling to LRCK Edge
tslrd
-20
-
20
ns
SCLK Falling to SDOUT Valid
tsdo
0
-
20
ns
SCLK Duty Cycle
40
50
60
%
Slave Mode
LRCK Duty Cycle
Notes 8, 9
-
50
-
%
Rise Time of Both LRCK and SCLK
tr
-
-
10
ns
Fall Time of Both LRCK and SCLK
tf
-
-
10
ns
SCLK Period
Base Rate Mode
High Rate Mode
tsclkw
tsclkw
-
-
-
-
ns
ns
SCLK Falling to LRCK Edge
tslrd
-20
-
20
ns
SCLK Falling to SDOUT Valid
Base Rate Mode
High Rate Mode
tdss
tdss
-
-
-
-
ns
ns
NOTE: When operating the CS53L32A Revision C in Slave Mode, Base Rate Mode, certain timing requirements
must be met in addition to those specified above. The required timing relationship between the MCLK and LRCK
is shown in Figures 3. An MCLK rising edge cannot lead an LRCK transition by 6ns to 10ns.
1
128
()Fs
----------------------
1
64
()Fs
------------------
1
(512)Fs
1
(256)Fs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com