Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS53L32A Datasheet(PDF) 31 Page - Cirrus Logic

Part # CS53L32A
Description  Low Voltage, Stereo A/D Converter
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS53L32A Datasheet(HTML) 31 Page - Cirrus Logic

Back Button CS53L32A Datasheet HTML 27Page - Cirrus Logic CS53L32A Datasheet HTML 28Page - Cirrus Logic CS53L32A Datasheet HTML 29Page - Cirrus Logic CS53L32A Datasheet HTML 30Page - Cirrus Logic CS53L32A Datasheet HTML 31Page - Cirrus Logic CS53L32A Datasheet HTML 32Page - Cirrus Logic CS53L32A Datasheet HTML 33Page - Cirrus Logic CS53L32A Datasheet HTML 34Page - Cirrus Logic CS53L32A Datasheet HTML 35Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 40 page
background image
CS53L32A
DS513F1
31
7.2
TWO WIRE MODE
In Two Wire mode, SDA is a bidirectional data line. Data is clocked into and out of the part by the clock,
SCL, with the clock to data relationship as shown in Figure 8. There is no CS pin. Pin AD0 forms the partial
chip address and should be tied to VL or GND as required. The upper 6 bits of the 7 bit address field must
be 001000. To communicate with the CS53L32A the LSB of the chip address field, which is the first byte
sent to the CS53L32A, should match the setting of the AD0 pin. The eighth bit of the address byte is the
R/W bit (high for a read, low for a write). If the operation is a write, the next byte is the Memory Address
Pointer which selects the register to be read or written. See Section 7.3,
Memory Address Pointer (MAP).
If the operation is a read, the contents of the register pointed to by the Memory Address Pointer will be
output. Setting the auto increment bit in MAP, allows successive reads or writes of consecutive registers.
Each byte is separated by an acknowledge bit.
Note: The Two-Wire control port mode is compatible with the I2C protocol.
7.3
MEMORY ADDRESS POINTER (MAP)
INCR (Auto MAP Increment Enable)
Default = ‘0’.
0 - Disabled
1 - Enabled
MAP0-2 (Memory Address Pointer)
Default = ‘000’.
76543
210
INCR
Reserved
Reserved
Reserved
Reserved
MAP2
MAP1
MAP0
00000
000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com