Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74HC7266 Datasheet (PDF) - Renesas Technology Corp

HD74HC7266 Datasheet PDF - Renesas Technology Corp
Part # HD74HC7266
Download  HD74HC7266 Download
File Size   239.16 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Quad. 2-input Exclusive-NOR Gates

HD74HC7266 Datasheet (PDF)

Go To PDF Page Download Datasheet
HD74HC7266 Datasheet PDF - Renesas Technology Corp

Part # HD74HC7266
Download  HD74HC7266 Click to download

File Size   239.16 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Quad. 2-input Exclusive-NOR Gates

HD74HC7266 Datasheet (HTML) - Renesas Technology Corp


HD74HC7266 Product details

Features
• High Speed Operation: tpd = 12.5 ns typ (CL = 50 pF)
• High Output Current: Fanout of 10 LSTTL Loads
• Wide Operating Voltage: VCC = 2 to 6 V
• Low Input Current: 1 μA max
• Low Quiescent Supply Current: ICC (static) = 1 μA max (Ta = 25°C)
• Ordering Information




Similar Part No. - HD74HC7266

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74HC7266FPEL RENESAS-HD74HC7266FPEL Datasheet
83Kb / 7P
Quad. 2-input Exclusive-NOR Gates
HD74HC7266P RENESAS-HD74HC7266P Datasheet
83Kb / 7P
Quad. 2-input Exclusive-NOR Gates
HD74HC7266RPEL RENESAS-HD74HC7266RPEL Datasheet
83Kb / 7P
Quad. 2-input Exclusive-NOR Gates
More results


Similar Description - HD74HC7266

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
5402 NSC-5402 Datasheet
93Kb / 4P
Quad 2-Input NOR Gates
54LS02 NSC-54LS02 Datasheet
120Kb / 6P
Quad 2-Input NOR Gates
logo
Fairchild Semiconductor
DM7402 FAIRCHILD-DM7402 Datasheet
33Kb / 3P
Quad 2-Input NOR Gates
logo
Hitachi Semiconductor
HD74LV02A HITACHI-HD74LV02A Datasheet
52Kb / 13P
Quad. 2-input NOR Gates
logo
LG Semicon Co.,Ltd.
GD74HCT266 LG-GD74HCT266 Datasheet
201Kb / 4P
QUAD 2-INPUT EXCLUSIVE NOR GATES
logo
Renesas Technology Corp
HD74LV02A RENESAS-HD74LV02A Datasheet
65Kb / 8P
Quad. 2-input NOR Gates
RD74LVC02B RENESAS-RD74LVC02B Datasheet
69Kb / 8P
Quad. 2-input NOR Gates
HD74HC7266P RENESAS-HD74HC7266P Datasheet
83Kb / 7P
Quad. 2-input Exclusive-NOR Gates
logo
Texas Instruments
SN74ALS810 TI1-SN74ALS810 Datasheet
80Kb / 5P
QUADRUPLE 2-INPUT EXCLUSIVE-NOR GATES
logo
Renesas Technology Corp
RD74LVC02B RENESAS-RD74LVC02B_15 Datasheet
93Kb / 10P
Quad. 2-input NOR Gates
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com