Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74LV02A Datasheet (PDF) - Renesas Technology Corp

HD74LV02A Datasheet PDF - Renesas Technology Corp
Part # HD74LV02A
Download  HD74LV02A Download
File Size   65.96 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Quad. 2-input NOR Gates

HD74LV02A Datasheet (PDF)

Go To PDF Page Download Datasheet
HD74LV02A Datasheet PDF - Renesas Technology Corp

Part # HD74LV02A
Download  HD74LV02A Click to download

File Size   65.96 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Quad. 2-input NOR Gates

HD74LV02A Datasheet (HTML) - Renesas Technology Corp


HD74LV02A Product details

Description
The HD74LV02A has four two-input NOR gates in a 14-pin package.
Low-voltage and high-speed operation is suitable for the battery-powered products (e.g., notebook computers), and the low-power consumption extends the battery life.

Features
• VCC = 2.0 V to 5.5 V operation
• All inputs VIH (Max.) = 5.5 V (@VCC = 0 V to 5.5 V)
• All outputs VO (Max.) = 5.5 V (@VCC = 0 V)
• Typical VOL ground bounce < 0.8 V (@VCC = 3.3 V, Ta = 25°C)
• Typical VOH undershoot > 2.3 V (@VCC = 3.3 V, Ta = 25°C)
• Output current ±6 mA (@VCC = 3.0 V to 3.6 V), ±12 mA (@VCC = 4.5 V to 5.5 V)




Similar Part No. - HD74LV02A

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74LV02A HITACHI-HD74LV02A Datasheet
52Kb / 13P
Quad. 2-input NOR Gates
logo
Renesas Technology Corp
HD74LV02AFPEL RENESAS-HD74LV02AFPEL Datasheet
89Kb / 10P
Quad. 2-input NOR Gates
HD74LV02ARPEL RENESAS-HD74LV02ARPEL Datasheet
89Kb / 10P
Quad. 2-input NOR Gates
HD74LV02ATELL RENESAS-HD74LV02ATELL Datasheet
89Kb / 10P
Quad. 2-input NOR Gates
HD74LV02A RENESAS-HD74LV02A_15 Datasheet
89Kb / 10P
Quad. 2-input NOR Gates
More results


Similar Description - HD74LV02A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
5402 NSC-5402 Datasheet
93Kb / 4P
Quad 2-Input NOR Gates
54LS02 NSC-54LS02 Datasheet
120Kb / 6P
Quad 2-Input NOR Gates
logo
Fairchild Semiconductor
DM7402 FAIRCHILD-DM7402 Datasheet
33Kb / 3P
Quad 2-Input NOR Gates
logo
Hitachi Semiconductor
HD74HC02 HITACHI-HD74HC02 Datasheet
46Kb / 8P
Quad. 2-input NOR Gates
HD74LV02A HITACHI-HD74LV02A Datasheet
52Kb / 13P
Quad. 2-input NOR Gates
logo
Renesas Technology Corp
HD74LVC02 RENESAS-HD74LVC02 Datasheet
177Kb / 6P
Quad. 2-input NOR Gates
RD74LVC02B RENESAS-RD74LVC02B Datasheet
69Kb / 8P
Quad. 2-input NOR Gates
HD74HC02 RENESAS-HD74HC02 Datasheet
91Kb / 7P
Quad. 2-input NOR Gates
HD74HC02 RENESAS-HD74HC02_15 Datasheet
123Kb / 9P
Quad. 2-input NOR Gates
RD74LVC02B RENESAS-RD74LVC02B_15 Datasheet
93Kb / 10P
Quad. 2-input NOR Gates
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com