Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74HC02 Datasheet (PDF) - Renesas Technology Corp

HD74HC02 Datasheet PDF - Renesas Technology Corp
Part # HD74HC02
Download  HD74HC02 Download
File Size   91.6 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Quad. 2-input NOR Gates

HD74HC02 Datasheet (PDF)

Go To PDF Page Download Datasheet
HD74HC02 Datasheet PDF - Renesas Technology Corp

Part # HD74HC02
Download  HD74HC02 Click to download

File Size   91.6 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Quad. 2-input NOR Gates

HD74HC02 Datasheet (HTML) - Renesas Technology Corp


HD74HC02 Product details

Quad. 2-input NOR Gates



Features

•  High Speed Operation: tpd= 6.5 ns typ (CL= 50 pF)

•  High Output Current: Fanout of 10 LSTTL Loads

•  Wide Operating Voltage: VCC= 2 to 6 V

•  Low Input Current: 1 µA max

•  Low Quiescent Supply Current: ICC(static) = 1 µA max (Ta = 25°C)




Similar Part No. - HD74HC02

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC02 HITACHI-HD74HC02 Datasheet
46Kb / 8P
Quad. 2-input NOR Gates
logo
Renesas Technology Corp
HD74HC02FPEL RENESAS-HD74HC02FPEL Datasheet
123Kb / 9P
Quad. 2-input NOR Gates
HD74HC02P RENESAS-HD74HC02P Datasheet
123Kb / 9P
Quad. 2-input NOR Gates
HD74HC02RPEL RENESAS-HD74HC02RPEL Datasheet
123Kb / 9P
Quad. 2-input NOR Gates
HD74HC02TELL RENESAS-HD74HC02TELL Datasheet
123Kb / 9P
Quad. 2-input NOR Gates
More results


Similar Description - HD74HC02

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
5402 NSC-5402 Datasheet
93Kb / 4P
Quad 2-Input NOR Gates
54LS02 NSC-54LS02 Datasheet
120Kb / 6P
Quad 2-Input NOR Gates
logo
Fairchild Semiconductor
DM7402 FAIRCHILD-DM7402 Datasheet
33Kb / 3P
Quad 2-Input NOR Gates
logo
Hitachi Semiconductor
HD74HC02 HITACHI-HD74HC02 Datasheet
46Kb / 8P
Quad. 2-input NOR Gates
HD74LV02A HITACHI-HD74LV02A Datasheet
52Kb / 13P
Quad. 2-input NOR Gates
logo
Renesas Technology Corp
HD74LVC02 RENESAS-HD74LVC02 Datasheet
177Kb / 6P
Quad. 2-input NOR Gates
HD74LV02A RENESAS-HD74LV02A Datasheet
65Kb / 8P
Quad. 2-input NOR Gates
RD74LVC02B RENESAS-RD74LVC02B Datasheet
69Kb / 8P
Quad. 2-input NOR Gates
HD74HC02 RENESAS-HD74HC02_15 Datasheet
123Kb / 9P
Quad. 2-input NOR Gates
RD74LVC02B RENESAS-RD74LVC02B_15 Datasheet
93Kb / 10P
Quad. 2-input NOR Gates
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com