Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM-65642 Datasheet (PDF) - Renesas Technology Corp

HM-65642 Datasheet PDF - Renesas Technology Corp
Part # HM-65642
Download  HM-65642 Download
File Size   430.58 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 8K x 8 Asynchronous CMOS Static RAM

HM-65642 Datasheet (PDF)

Go To PDF Page Download Datasheet
HM-65642 Datasheet PDF - Renesas Technology Corp

Part # HM-65642
Download  HM-65642 Click to download

File Size   430.58 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 8K x 8 Asynchronous CMOS Static RAM

HM-65642 Datasheet (HTML) - Renesas Technology Corp


HM-65642 Product details

Features
• Full CMOS Design
• Six Transistor Memory Cell
• Low Standby Supply Current . . . . . . . . . . . . . . . 100A
• Low Operating Supply Current . . . . . . . . . . . . . . . 20mA
• Fast Address Access Time . . . . . . . . . . . . . . . . . .150ns
• Low Data Retention Supply Voltage . . . . . . . . . . . . 2.0V
• CMOS/TTL Compatible Inputs/Outputs
• JEDEC Approved Pinout
• Equal Cycle and Access Times
• No Clocks or Strobes Required
• Gated Inputs
• No Pull-Up or Pull-Down Resistors Required
• Easy Microprocessor Interfacing
• Dual Chip Enable Control




Similar Part No. - HM-65642

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HM-65642 INTERSIL-HM-65642 Datasheet
273Kb / 11P
8K x 8 Asynchronous CMOS Static RAM
HM-65642 INTERSIL-HM-65642 Datasheet
273Kb / 11P
8K x 8 Asynchronous CMOS Static RAM
May 2002
More results


Similar Description - HM-65642

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH5164A SHARP-LH5164A Datasheet
105Kb / 11P
CMOS 64K (8K x 8) Static RAM
LH5164A SHARP-LH5164A Datasheet
105Kb / 11P
CMOS 64K (8K x 8) Static RAM
LH5164ASH SHARP-LH5164ASH Datasheet
82Kb / 10P
CMOS 64K (8K x 8) Static RAM
LH5164AV SHARP-LH5164AV Datasheet
84Kb / 11P
CMOS 64K (8K x 8) Static RAM
LH5164AVH SHARP-LH5164AVH Datasheet
81Kb / 10P
CMOS 64K (8K x 8) Static RAM
LH5164AZ8 SHARP-LH5164AZ8 Datasheet
66Kb / 9P
CMOS 64K (8K x 8) Static RAM
logo
Winbond
W2465 WINBOND-W2465 Datasheet
228Kb / 10P
8K X 8 CMOS STATIC RAM
logo
Intersil Corporation
HM-65162883 INTERSIL-HM-65162883 Datasheet
213Kb / 9P
2K x 8 Asynchronous CMOS Static RAM
March 1997
HM-65642 INTERSIL-HM-65642 Datasheet
273Kb / 11P
8K x 8 Asynchronous CMOS Static RAM
HM1-65642B-883 INTERSIL-HM1-65642B-883 Datasheet
273Kb / 11P
8K x 8 Asynchronous CMOS Static RAM
May 2002
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com