Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

29102BJA Datasheet (PDF) - Renesas Technology Corp

29102BJA Datasheet PDF - Renesas Technology Corp
Part # 29102BJA
Download  29102BJA Download
File Size   84.26 Kbytes
Page   6 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 2K x 8 CMOS RAM

29102BJA Datasheet (PDF)

Go To PDF Page Download Datasheet
29102BJA Datasheet PDF - Renesas Technology Corp

Part # 29102BJA
Download  29102BJA Click to download

File Size   84.26 Kbytes
Page   6 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 2K x 8 CMOS RAM

29102BJA Datasheet (HTML) - Renesas Technology Corp


29102BJA Product details

Features
• Low Power Standby. . . . . . . . . . . . . . . . . . . 275μW Max
• Low Power Operation . . . . . . . . . . . . . .55mW/MHz Max
• Fast Access Time . . . . . . . . . . . . . . . . . 120/200ns Max
• Industry Standard Pinout
• Single Supply . . . . . . . . . . . . . . . . . . . . . . . . . . 5.0V VCC
• TTL Compatible
• Static Memory Cells
• High Output Drive
• On-Chip Address Latches
• Easy Microprocessor Interfacing




Similar Part No. - 29102BJA

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
29102BJA INTERSIL-29102BJA Datasheet
31Kb / 6P
2K x 8 CMOS RAM
March 1997
More results


Similar Description - 29102BJA

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH5116 SHARP-LH5116 Datasheet
87Kb / 10P
CMOS 16K (2K x 8) Static RAM
LH5116S SHARP-LH5116S Datasheet
58Kb / 7P
CMOS 16K (2K x 8) Static RAM
logo
Integrated Device Techn...
IDT6116SA IDT-IDT6116SA Datasheet
111Kb / 11P
CMOS STATIC RAM 16K (2K x 8 BIT)
logo
Intersil Corporation
HM-6516 INTERSIL-HM-6516 Datasheet
31Kb / 6P
2K x 8 CMOS RAM
March 1997
HM-65162 INTERSIL-HM-65162 Datasheet
42Kb / 7P
2K x 8 Asynchronous CMOS Static RAM
March 1997
logo
Cypress Semiconductor
CY7C128A CYPRESS-CY7C128A Datasheet
217Kb / 9P
2K x 8 Static RAM
logo
Intersil Corporation
HM-6516883 INTERSIL-HM-6516883 Datasheet
201Kb / 8P
2K x 8 CMOS RAM
March 1997
HM-65162883 INTERSIL-HM-65162883 Datasheet
213Kb / 9P
2K x 8 Asynchronous CMOS Static RAM
March 1997
logo
TEMIC Semiconductors
M67132 TEMIC-M67132 Datasheet
707Kb / 15P
2K X 8 CMOS DUAL PORT RAM
logo
Cypress Semiconductor
CY7C128A CYPRESS-CY7C128A_06 Datasheet
270Kb / 9P
2K x 8 Static RAM
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com