Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HS-245RH Datasheet (PDF) - Renesas Technology Corp

HS-245RH Datasheet PDF - Renesas Technology Corp
Part # HS-245RH
Download  HS-245RH Download
File Size   341.73 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Radiation Hardened Triple Line Transmitter and Receivers

HS-245RH Datasheet (PDF)

Go To PDF Page Download Datasheet
HS-245RH Datasheet PDF - Renesas Technology Corp

Part # HS-245RH
Download  HS-245RH Click to download

File Size   341.73 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Radiation Hardened Triple Line Transmitter and Receivers

HS-245RH Datasheet (HTML) - Renesas Technology Corp


HS-245RH Product details

Features
• Electrically Screened to SMD # 5962-96722 and
5962-96723
• QML Qualified per MIL-PRF-38535 Requirements
• Radiation Hardened DI Processing
- Total Dose . . . . . . . . . . . . . . . . . . . . 200 krad(Si) (Max)
- Latchup Free
- Neutron Fluence . . . . . . . . . . . . . . . . . .5 x 1012 N/cm2
• Replaces HD-245/246/248
• Current Mode Operation
• High Speed with 50 Foot Cable . . . . . . . . . . . . . . . 15MHz
High Speed with 1000 Foot Cable . . . . . . . . . . . . . . 2MHz
• High Noise Immunity
• Low EMI Generation
• Low Power Dissipation
• High Common Mode Rejection
• Transmitter and Receiver Party Line Capability
• Tolerates -2.0V to +20.0V Ground Differential (Transmitter
with Respect to Receiver)
• Transmitter Input/Receiver Output TTL/DTL Compatible




Similar Part No. - HS-245RH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-245RH INTERSIL-HS-245RH Datasheet
110Kb / 8P
Radiation Hardened Triple Line(party-Line) Transmitter
August 1999
HS-245RH INTERSIL-HS-245RH Datasheet
227Kb / 8P
Radiation Hardened Triple Line Transmitter
April 2003
HS-245RH INTERSIL-HS-245RH_03 Datasheet
227Kb / 8P
Radiation Hardened Triple Line Transmitter
April 2003
More results


Similar Description - HS-245RH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ACS11MS INTERSIL-ACS11MS Datasheet
50Kb / 2P
Radiation Hardened Triple 3-Input AND Gate
November 1998
HCS11MS INTERSIL-HCS11MS Datasheet
160Kb / 6P
Radiation Hardened Triple 3-Input AND Gate
November 1994
HCTS11MS INTERSIL-HCTS11MS Datasheet
121Kb / 7P
Radiation Hardened Triple 3-Input AND Gate
November 1994
HS-245RH INTERSIL-HS-245RH Datasheet
110Kb / 8P
Radiation Hardened Triple Line(party-Line) Transmitter
August 1999
logo
List of Unclassifed Man...
HD29468 ETC-HD29468 Datasheet
25Kb / 7P
Triple Line Drivers / Receivers
logo
Texas Instruments
SN55122 TI-SN55122 Datasheet
102Kb / 7P
TRIPLE LINE RECEIVERS
logo
Intersil Corporation
HS-245RH INTERSIL-HS-245RH_03 Datasheet
227Kb / 8P
Radiation Hardened Triple Line Transmitter
April 2003
logo
Renesas Technology Corp
HD29468 RENESAS-HD29468 Datasheet
205Kb / 8P
Triple Line Drivers/Receivers
HCS11MS RENESAS-HCS11MS Datasheet
310Kb / 7P
Radiation Hardened Triple 3-Input AND Gate
November 1994
HS-26C32RH RENESAS-HS-26C32RH Datasheet
411Kb / 9P
Radiation Hardened Quad Differential Line Receivers
Oct 21, 2021
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com