Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HS-245RH Datasheet (PDF) - Intersil Corporation

HS-245RH Datasheet PDF - Intersil Corporation
Part # HS-245RH
Download  HS-245RH Download
File Size   110.2 Kbytes
Page   8 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Radiation Hardened Triple Line(party-Line) Transmitter

HS-245RH Datasheet (PDF)

Go To PDF Page Download Datasheet
HS-245RH Datasheet PDF - Intersil Corporation

Part # HS-245RH
Download  HS-245RH Click to download

File Size   110.2 Kbytes
Page   8 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Radiation Hardened Triple Line(party-Line) Transmitter

HS-245RH Datasheet (HTML) - Intersil Corporation


HS-245RH Product details

The HS-245RH/246RH/248RH radiation hardened triple line transmitter and triple line receivers are fabricated using the Intersil dielectric isolation process. These parts are identical in pinout and function to the original HD-245/246/248. They are also die size and bond pad placement compatible with the original parts for those customers who buy dice for hybrid assembly.

Features
• Electrically Screened to SMD # 5962-96722 and 5962-96723
• QML Qualified per MIL-PRF-38535 Requirements
• Radiation Hardened DI Processing
    - Total Dose . . . . . . . . . . . . . . . . . . . . 200 krad(Si) (Max)
    - Latchup Free
    - Neutron Fluence . . . . . . . . . . . . . . . . . .5 x 1012 N/cm2
• Replaces HD-245/246/248
• Current Mode Operation
• High Speed with 50 Foot Cable . . . . . . . . . . . . . . . 15MHz
    High Speed with 1000 Foot Cable . . . . . . . . . . . . . . 2MHz
• High Noise Immunity
• Low EMI Generation
• Low Power Dissipation
• High Common Mode Rejection
• Transmitter and Receiver Party Line Capability
• Tolerates -2.0V to +20.0V Ground Differential (Transmitter with Respect to Receiver)
• Transmitter Input/Receiver Output TTL/DTL Compatible




Similar Part No. - HS-245RH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-245RH INTERSIL-HS-245RH Datasheet
227Kb / 8P
Radiation Hardened Triple Line Transmitter
April 2003
logo
Renesas Technology Corp
HS-245RH RENESAS-HS-245RH Datasheet
341Kb / 8P
Radiation Hardened Triple Line Transmitter and Receivers
April 2003
logo
Intersil Corporation
HS-245RH INTERSIL-HS-245RH_03 Datasheet
227Kb / 8P
Radiation Hardened Triple Line Transmitter
April 2003
More results


Similar Description - HS-245RH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-26CT31RH-T INTERSIL-HS-26CT31RH-T Datasheet
33Kb / 3P
Radiation Hardened Quad Differential Line Driver
July 1999
HS-245RH INTERSIL-HS-245RH_03 Datasheet
227Kb / 8P
Radiation Hardened Triple Line Transmitter
April 2003
HS-26CT31RH INTERSIL-HS-26CT31RH Datasheet
237Kb / 3P
Radiation Hardened Quad Differential Line Driver
HS-26C31RH INTERSIL-HS-26C31RH Datasheet
181Kb / 3P
Radiation Hardened Quad Differential Line Driver
May 27, 2010
HS-26C32RH INTERSIL-HS-26C32RH Datasheet
159Kb / 4P
Radiation Hardened Quad Differential Line Receiver
August 1, 2008
HS-26CT31RH INTERSIL-HS-26CT31RH_12 Datasheet
317Kb / 4P
Radiation Hardened Quad Differential Line Drivers
February 23, 2012
HS-26C31RH INTERSIL-HS-26C31RH_13 Datasheet
140Kb / 3P
Radiation Hardened Quad Differential Line Driver
5962F-9568901VXC INTERSIL-5962F-9568901VXC Datasheet
227Kb / 4P
Radiation Hardened Quad Differential Line Receiver
May 28, 2013
logo
Renesas Technology Corp
HS-245RH RENESAS-HS-245RH Datasheet
341Kb / 8P
Radiation Hardened Triple Line Transmitter and Receivers
April 2003
HS-26C31RH RENESAS-HS-26C31RH Datasheet
444Kb / 8P
Radiation Hardened Quad Differential Line Driver
Aug 5, 2022
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com