Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HS-26CT31RH Datasheet (PDF) - Intersil Corporation

HS-26CT31RH Datasheet PDF - Intersil Corporation
Part # HS-26CT31RH
Download  HS-26CT31RH Download
File Size   237.57 Kbytes
Page   3 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Radiation Hardened Quad Differential Line Driver

HS-26CT31RH Datasheet (PDF)

Go To PDF Page Download Datasheet
HS-26CT31RH Datasheet PDF - Intersil Corporation

Part # HS-26CT31RH
Download  HS-26CT31RH Click to download

File Size   237.57 Kbytes
Page   3 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Radiation Hardened Quad Differential Line Driver

HS-26CT31RH Datasheet (HTML) - Intersil Corporation


HS-26CT31RH Product details

The Intersil HS-26CT31RH, HS-26CT31EH are quad differential line drivers designed for digital data transmission over balanced lines and meet the requirements of EIA standard RS-422. Radiation hardened CMOS processing assures low power consumption, high speed, and reliable operation in the most severe radiation environments.

The HS-26CT31RH, HS-26CT31EH accept TTL signal levels and convert them to RS-422 compatible outputs. These circuits use special outputs that enable the drivers to power down without loading down the bus. Enable and disable pins allow several devices to be connected to the same data source and addressed independently.



Features

• Electronically Screened to SMD #5962-95632

• QML Qualified Per MIL-PRF-38535 Requirements

• 1.2 Micron Radiation Hardened CMOS

• Total Dose Up to 300kRAD(Si)

• Latchup Free

• EIA RS-422 Compatible Outputs (Except for IOS)

• Operation with TTL Based on VIH = VDD/2

• High Impedance Outputs when Disabled or Powered Down

• Low Power Dissipation 2.75mW Standby (Max)

• Single 5V Supply

• Low Output Impedance 10Ω or Less

• Full -55°C to +125°C Military Temperature Range



Applications

• Line Transmitter for MIL-STD-1553 Serial Data Bus

• Line Transmitter for RS422



 




Similar Part No. - HS-26CT31RH

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HS-26CT31RH RENESAS-HS-26CT31RH Datasheet
435Kb / 8P
Radiation Hardened Quad Differential Line Drivers
Oct 21, 2021
logo
Intersil Corporation
HS-26CT31RH-T INTERSIL-HS-26CT31RH-T Datasheet
33Kb / 3P
Radiation Hardened Quad Differential Line Driver
July 1999
HS-26CT31RH INTERSIL-HS-26CT31RH_12 Datasheet
317Kb / 4P
Radiation Hardened Quad Differential Line Drivers
February 23, 2012
More results


Similar Description - HS-26CT31RH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-26CT31RH-T INTERSIL-HS-26CT31RH-T Datasheet
33Kb / 3P
Radiation Hardened Quad Differential Line Driver
July 1999
HS-26C31RH-T INTERSIL-HS-26C31RH-T Datasheet
69Kb / 3P
Radiation Hardened Quad Differential Line Driver
HS-26C32RH-T INTERSIL-HS-26C32RH-T Datasheet
78Kb / 3P
Radiation Hardened Quad Differential Line Driver
logo
Peregrine Semiconductor...
PE926C31 PEREGRINE-PE926C31 Datasheet
127Kb / 7P
Quad RS-422 Differential Line Driver Radiation Hardened
PE926C32 PEREGRINE-PE926C32 Datasheet
137Kb / 6P
Quad RS-422 Differential Line Driver Radiation Hardened
logo
Intersil Corporation
HS-26C31RH INTERSIL-HS-26C31RH Datasheet
181Kb / 3P
Radiation Hardened Quad Differential Line Driver
May 27, 2010
HS-26CLV31RH INTERSIL-HS-26CLV31RH Datasheet
111Kb / 3P
Radiation Hardened 3.3V Quad Differential Line Driver
May 28, 2009
HS-26CT31RH INTERSIL-HS-26CT31RH_12 Datasheet
317Kb / 4P
Radiation Hardened Quad Differential Line Drivers
February 23, 2012
HS-26C31RH INTERSIL-HS-26C31RH_13 Datasheet
140Kb / 3P
Radiation Hardened Quad Differential Line Driver
logo
Renesas Technology Corp
HS-26C31RH RENESAS-HS-26C31RH Datasheet
444Kb / 8P
Radiation Hardened Quad Differential Line Driver
Aug 5, 2022
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com