Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HS-26CLV31RH Datasheet (PDF) - Intersil Corporation

HS-26CLV31RH Datasheet PDF - Intersil Corporation
Part # HS-26CLV31RH
Download  HS-26CLV31RH Download
File Size   111.5 Kbytes
Page   3 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Radiation Hardened 3.3V Quad Differential Line Driver

HS-26CLV31RH Datasheet (PDF)

Go To PDF Page Download Datasheet
HS-26CLV31RH Datasheet PDF - Intersil Corporation

Part # HS-26CLV31RH
Download  HS-26CLV31RH Click to download

File Size   111.5 Kbytes
Page   3 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Radiation Hardened 3.3V Quad Differential Line Driver

HS-26CLV31RH Datasheet (HTML) - Intersil Corporation


HS-26CLV31RH Product details

The Intersil HS-26CLV31RH, HS-26CLV31EH are radiation hardened 3.3V quad differential line drivers designed for digital data transmission over balanced lines, in low voltage, RS-422 protocol applications. CMOS processing assures low power consumption, high speed, and reliable operation in the most severe radiation environments.
The HS-26CLV31RH, HS-26CLV31EH accept CMOS level inputs and converts them to differential outputs. Enable pins allow several devices to be connected to the same data source and addressed independently. These devices have unique outputs that become high impedance when the driver is disabled or powered-down, maintaining signal integrity in multi-driver applications.
Specifications for Rad Hard QML devices are controlled by the Defense Logistics Agency Land and Maritime (DLA). The SMD numbers listed here must be used when ordering.

Features
• Electrically screened to SMD # 5962-96663
• QML qualified per MIL-PRF-38535 requirements
• 1.2 micron radiation hardened CMOS
   - Total dose . . . . . . . . . . . . . . . . . . . . . . . . . 300 krad(Si)(max)
   - Single event upset LET . . . . . . . . . . . . . 100MeV/mg/cm²)
   - Single event latch-up immune
• Extremely low stand-by current . . . . . . . . . . . . . 100µA (max)
• Operating supply range . . . . . . . . . . . . . . . . . . . . . 3.0V to 3.6V
• CMOS level inputs . . . . . . . .VIH > (0.7)(VDD); VIL < (0.3)(VDD)
• Differential outputs . . . . . . . . . . . . . . . VOH > 1.8V; VOL < 0.5V
• High impedance outputs when disabled or powered down
• Low output impedance . . . . . . . . . . . . . . . . . . . . . .10Ω or less
• Full -55°C to +125°C military temperature range
• Pb-Free (RoHS Compliant)

Applications
• Line transmitter for MIL-STD-1553 serial data bus




Similar Part No. - HS-26CLV31RH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-26CLV31RH INTERSIL-HS-26CLV31RH Datasheet
299Kb / 3P
Radiation Hardened 3.3V Quad Differential Line Drivers
logo
Renesas Technology Corp
HS-26CLV31RH RENESAS-HS-26CLV31RH Datasheet
535Kb / 14P
Radiation Hardened 3.3V Quad Differential Line Drivers
May 30, 2025
logo
Intersil Corporation
HS-26CLV31RH INTERSIL-HS-26CLV31RH_12 Datasheet
299Kb / 3P
Radiation Hardened 3.3V Quad Differential Line Drivers
More results


Similar Description - HS-26CLV31RH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-26CT31RH-T INTERSIL-HS-26CT31RH-T Datasheet
33Kb / 3P
Radiation Hardened Quad Differential Line Driver
July 1999
HS-26C31RH-T INTERSIL-HS-26C31RH-T Datasheet
69Kb / 3P
Radiation Hardened Quad Differential Line Driver
HS-26C32RH-T INTERSIL-HS-26C32RH-T Datasheet
78Kb / 3P
Radiation Hardened Quad Differential Line Driver
HS-26CT31RH INTERSIL-HS-26CT31RH Datasheet
237Kb / 3P
Radiation Hardened Quad Differential Line Driver
HS-26C31RH INTERSIL-HS-26C31RH Datasheet
181Kb / 3P
Radiation Hardened Quad Differential Line Driver
May 27, 2010
HS-26CLV32RH INTERSIL-HS-26CLV32RH Datasheet
90Kb / 3P
Radiation Hardened 3.3V Quad Differential Line Receiver
May 28, 2009
HS-26CLV32RH INTERSIL-HS-26CLV32RH_13 Datasheet
217Kb / 3P
Radiation Hardened 3.3V Quad Differential Line Receiver
January 8, 2013
HS-26C31RH INTERSIL-HS-26C31RH_13 Datasheet
140Kb / 3P
Radiation Hardened Quad Differential Line Driver
HS-26CLV31RH INTERSIL-HS-26CLV31RH_12 Datasheet
299Kb / 3P
Radiation Hardened 3.3V Quad Differential Line Drivers
logo
Renesas Technology Corp
HS-26C31RH RENESAS-HS-26C31RH Datasheet
444Kb / 8P
Radiation Hardened Quad Differential Line Driver
Aug 5, 2022
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com