Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HS-26C31RH Datasheet (PDF) - Renesas Technology Corp

HS-26C31RH Datasheet PDF - Renesas Technology Corp
Part # HS-26C31RH
Download  HS-26C31RH Download
File Size   444.51 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Radiation Hardened Quad Differential Line Driver

HS-26C31RH Datasheet (PDF)

Go To PDF Page Download Datasheet
HS-26C31RH Datasheet PDF - Renesas Technology Corp

Part # HS-26C31RH
Download  HS-26C31RH Click to download

File Size   444.51 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Radiation Hardened Quad Differential Line Driver

HS-26C31RH Datasheet (HTML) - Renesas Technology Corp


HS-26C31RH Product details

Features
• Electrically screened to SMD #5962-96663
• QML qualified per MIL-PRF-38535 requirements
• 1.2 Micron radiation hardened CMOS
• EIA RS-422 compatible outputs (except for IOS)
• CMOS inputs
• High impedance outputs when disabled or powered down
• Low power dissipation. . . . . . . . . . . . 2.75mW standby (max)
• Operating supply range . . . . . . . . . . . . . . . . . . . . . 4.5V to 5.5V
• Low output impedance . . . . . . . . . . . . . . . . . . . . . . 10Ωor less
• Radiation acceptance testing - HS-26C31RH
- HDR (50-300rad (Si)/s) . . . . . . . . . . . . . . . . . . . 300krad(Si)
• Radiation acceptance testing - HS-26C31EH
- HDR (50-300rad(Si)/s) . . . . . . . . . . . . . . . . . . . 300krad(Si)
- LDR (0.01rad(Si)/s) . . . . . . . . . . . . . . . . . . . . . . . .50krad(Si)
• SEL immune to LET . . . . . . . . . . . . . . . . . . .100MeV*cm2/mg
• Full -55°C to +125°C military temperature range
• Pb-free (RoHS compliant)




Similar Part No. - HS-26C31RH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-26C31RH INTERSIL-HS-26C31RH Datasheet
181Kb / 3P
Radiation Hardened Quad Differential Line Driver
May 27, 2010
HS-26C31RH INTERSIL-HS-26C31RH Datasheet
140Kb / 3P
Radiation Hardened Quad Differential Line Driver
HS-26C31RH-T INTERSIL-HS-26C31RH-T Datasheet
69Kb / 3P
Radiation Hardened Quad Differential Line Driver
logo
Renesas Technology Corp
HS-26C31RH-T RENESAS-HS-26C31RH-T Datasheet
339Kb / 4P
Radiation Hardened Quad Differential Line Driver
August 1, 2008
logo
Intersil Corporation
HS-26C31RH INTERSIL-HS-26C31RH_13 Datasheet
140Kb / 3P
Radiation Hardened Quad Differential Line Driver
More results


Similar Description - HS-26C31RH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-26CT31RH-T INTERSIL-HS-26CT31RH-T Datasheet
33Kb / 3P
Radiation Hardened Quad Differential Line Driver
July 1999
HS-26C31RH-T INTERSIL-HS-26C31RH-T Datasheet
69Kb / 3P
Radiation Hardened Quad Differential Line Driver
HS-26C32RH-T INTERSIL-HS-26C32RH-T Datasheet
78Kb / 3P
Radiation Hardened Quad Differential Line Driver
logo
Peregrine Semiconductor...
PE926C31 PEREGRINE-PE926C31 Datasheet
127Kb / 7P
Quad RS-422 Differential Line Driver Radiation Hardened
PE926C32 PEREGRINE-PE926C32 Datasheet
137Kb / 6P
Quad RS-422 Differential Line Driver Radiation Hardened
logo
Intersil Corporation
HS-26CT31RH INTERSIL-HS-26CT31RH Datasheet
237Kb / 3P
Radiation Hardened Quad Differential Line Driver
HS-26C31RH INTERSIL-HS-26C31RH Datasheet
181Kb / 3P
Radiation Hardened Quad Differential Line Driver
May 27, 2010
HS-26CLV31RH INTERSIL-HS-26CLV31RH Datasheet
111Kb / 3P
Radiation Hardened 3.3V Quad Differential Line Driver
May 28, 2009
HS-26CT31RH INTERSIL-HS-26CT31RH_12 Datasheet
317Kb / 4P
Radiation Hardened Quad Differential Line Drivers
February 23, 2012
HS-26C31RH INTERSIL-HS-26C31RH_13 Datasheet
140Kb / 3P
Radiation Hardened Quad Differential Line Driver
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com