Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HS-303ARH Datasheet (PDF) - Renesas Technology Corp

HS-303ARH Datasheet PDF - Renesas Technology Corp
Part # HS-303ARH
Download  HS-303ARH Download
File Size   251.1 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Radiation Hardened CMOS Dual SPDT Analog Switch

HS-303ARH Datasheet (PDF)

Go To PDF Page Download Datasheet
HS-303ARH Datasheet PDF - Renesas Technology Corp

Part # HS-303ARH
Download  HS-303ARH Click to download

File Size   251.1 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Radiation Hardened CMOS Dual SPDT Analog Switch

HS-303ARH Datasheet (HTML) - Renesas Technology Corp


HS-303ARH Product details

Features
• QML, per MIL-PRF-38535
• Radiation performance
○ Total dose: 3x105rad(Si)
○ SEE: For LET = 60MeV•cm2/mg at 60° incident
angle, <150pC charge transferred to the output of
an off switch (based on SOI design calculations)
• No latch-up, dielectrically isolated device islands
• Pinout and functionally compatible with Renesas
HS-303RH and HI-303 series analog switches
• Analog signal range equal to the supply voltage
range
• Low leakage: 100nA (max, post-rad)
• Low rON: 70Ω (max, post-rad)
• Low standby supply current: +150μA/-100μA
(max, post-rad)




Similar Part No. - HS-303ARH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-303ARH INTERSIL-HS-303ARH Datasheet
93Kb / 3P
Radiation Hardened CMOS Dual SPDT Analog Switch
July 7, 2008
HS-303ARH INTERSIL-HS-303ARH Datasheet
201Kb / 5P
Radiation Hardened CMOS Dual SPDT Analog Switch
HS-303ARH INTERSIL-HS-303ARH_12 Datasheet
201Kb / 5P
Radiation Hardened CMOS Dual SPDT Analog Switch
More results


Similar Description - HS-303ARH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-302RH-T INTERSIL-HS-302RH-T Datasheet
26Kb / 2P
Radiation Hardened CMOS Dual DPST Analog Switch
July 1999
HS-303RH-T INTERSIL-HS-303RH-T Datasheet
25Kb / 2P
Radiation Hardened CMOS Dual SPDT Analog Switch
July 1999
HS-390RH-T INTERSIL-HS-390RH-T Datasheet
26Kb / 2P
Radiation Hardened CMOS Dual SPDT Analog Switch
1999 07
HS-303RH INTERSIL-HS-303RH Datasheet
491Kb / 2P
Radiation Hardened CMOS Dual SPDT Analog Switch
November 2001
HS-303RH-T INTERSIL-HS-303RH-T_01 Datasheet
490Kb / 2P
Radiation Hardened CMOS Dual SPDT Analog Switch
November 2001
HS-303ARH INTERSIL-HS-303ARH Datasheet
93Kb / 3P
Radiation Hardened CMOS Dual SPDT Analog Switch
July 7, 2008
HS-302EH INTERSIL-HS-302EH Datasheet
148Kb / 3P
Radiation Hardened CMOS Dual DPST Analog Switch
HS-303ARH INTERSIL-HS-303ARH_12 Datasheet
201Kb / 5P
Radiation Hardened CMOS Dual SPDT Analog Switch
HS-303CEH INTERSIL-HS-303CEH Datasheet
476Kb / 10P
Radiation Hardened BiCMOS Dual SPDT Analog Switch
logo
Renesas Technology Corp
HS-303CEH RENESAS-HS-303CEH Datasheet
521Kb / 14P
Radiation Hardened BiCMOS Dual SPDT Analog Switch
Jun.17.19
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com