Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HS-303ARH Datasheet (PDF) - Intersil Corporation

HS-303ARH Datasheet PDF - Intersil Corporation
Part # HS-303ARH
Download  HS-303ARH Download
File Size   93.97 Kbytes
Page   3 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Radiation Hardened CMOS Dual SPDT Analog Switch

HS-303ARH Datasheet (PDF)

Go To PDF Page Download Datasheet
HS-303ARH Datasheet PDF - Intersil Corporation

Part # HS-303ARH
Download  HS-303ARH Click to download

File Size   93.97 Kbytes
Page   3 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Radiation Hardened CMOS Dual SPDT Analog Switch

HS-303ARH Datasheet (HTML) - Intersil Corporation


HS-303ARH Product details

The HS-303ARH, HS-303AEH, HS-303BRH, HS-303BEH analog switches are monolithic devices fabricated using Intersil’s dielectrically isolated Radiation Hardened Silicon Gate (RSG) process technology to insure latch-up free operation. They are pinout compatible and functionally equivalent to the HS-303RH, but offer improved 300kRAD(Si) total dose capability. These switches offers low-resistance switching performance for analog voltages up to the supply rails. “ON” resistance is low and stays reasonably constant over the full range of operating voltage and current. “ON” resistance also stays reasonably constant when exposed to radiation.
Break-before-make switching is controlled by 5V digital inputs. The HS-303ARH should be operated with nominal ±15V supplies, while the HS-303BRH should be operated with nominal ±12V supplies.

Features
• QML, Per MIL-PRF-38535
• Radiation Performance
    - Total Dose: 3x105 RAD(Si)
    - SEE: For LET = 60MeV-mg/cm2 at 60° Incident Angle, <150pC Charge Transferred to the Output of an Off Switch
• No Latch-Up, Dielectrically Isolated Device Islands
• Pinout and Functionally Compatible with Intersil HS-303RH and HI-303 Series Analog Switches
• Analog Signal Range Equal to the Supply Voltage Range
• Low Leakage. . . . . . . . . . . . . . . . . . . . .100nA (Max, Post-Rad)
• Low rON . . . . . . . . . . . . . . . . . . . . . . . . . . . 70Ω (Max, Post-Rad)
• Low Standby Supply Current. . . . . . . . . . . . . +150µA/-100µA (Max, Post-Rad)




Similar Part No. - HS-303ARH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-303ARH INTERSIL-HS-303ARH Datasheet
201Kb / 5P
Radiation Hardened CMOS Dual SPDT Analog Switch
logo
Renesas Technology Corp
HS-303ARH RENESAS-HS-303ARH Datasheet
251Kb / 7P
Radiation Hardened CMOS Dual SPDT Analog Switch
Jul.18.19
logo
Intersil Corporation
HS-303ARH INTERSIL-HS-303ARH_12 Datasheet
201Kb / 5P
Radiation Hardened CMOS Dual SPDT Analog Switch
More results


Similar Description - HS-303ARH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-302RH-T INTERSIL-HS-302RH-T Datasheet
26Kb / 2P
Radiation Hardened CMOS Dual DPST Analog Switch
July 1999
HS-303RH-T INTERSIL-HS-303RH-T Datasheet
25Kb / 2P
Radiation Hardened CMOS Dual SPDT Analog Switch
July 1999
HS-390RH-T INTERSIL-HS-390RH-T Datasheet
26Kb / 2P
Radiation Hardened CMOS Dual SPDT Analog Switch
1999 07
HS-303RH INTERSIL-HS-303RH Datasheet
491Kb / 2P
Radiation Hardened CMOS Dual SPDT Analog Switch
November 2001
HS-303RH-T INTERSIL-HS-303RH-T_01 Datasheet
490Kb / 2P
Radiation Hardened CMOS Dual SPDT Analog Switch
November 2001
HS-302EH INTERSIL-HS-302EH Datasheet
148Kb / 3P
Radiation Hardened CMOS Dual DPST Analog Switch
HS-303ARH INTERSIL-HS-303ARH_12 Datasheet
201Kb / 5P
Radiation Hardened CMOS Dual SPDT Analog Switch
HS-303CEH INTERSIL-HS-303CEH Datasheet
476Kb / 10P
Radiation Hardened BiCMOS Dual SPDT Analog Switch
logo
Renesas Technology Corp
HS-303ARH RENESAS-HS-303ARH Datasheet
251Kb / 7P
Radiation Hardened CMOS Dual SPDT Analog Switch
Jul.18.19
HS-303CEH RENESAS-HS-303CEH Datasheet
521Kb / 14P
Radiation Hardened BiCMOS Dual SPDT Analog Switch
Jun.17.19
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com