Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BTB16-600SW Datasheet (PDF) - HAOPIN MICROELECTRONICS CO.,LTD

BTB16-600SW Datasheet PDF - HAOPIN MICROELECTRONICS CO.,LTD
Part # BTB16-600SW
Download  BTB16-600SW Download
File Size   442.88 Kbytes
Page   5 Pages
Manufacturer  HAOPIN [HAOPIN MICROELECTRONICS CO.,LTD]
Direct Link  http://www.haopin.com/eindex.asp
Logo HAOPIN - HAOPIN MICROELECTRONICS CO.,LTD
Description Three quadrant triacs

BTB16-600SW Datasheet (PDF)

Go To PDF Page Download Datasheet
BTB16-600SW Datasheet PDF - HAOPIN MICROELECTRONICS CO.,LTD

Part # BTB16-600SW
Download  BTB16-600SW Click to download

File Size   442.88 Kbytes
Page   5 Pages
Manufacturer  HAOPIN [HAOPIN MICROELECTRONICS CO.,LTD]
Direct Link  http://www.haopin.com/eindex.asp
Logo HAOPIN - HAOPIN MICROELECTRONICS CO.,LTD
Description Three quadrant triacs

BTB16-600SW Datasheet (HTML) - HAOPIN MICROELECTRONICS CO.,LTD


BTB16-600SW Product details

Description
Passivated high commutation triacs in a plastic envelope intended for use in circuits where
high static and dynamic dV/dt and high dI/dt can occur. These devices will commutate the
full rated ms current at the maximum rated junction temperature without the aid of a snubber.

Applications:
Motor control
Industrial and domestic lighting
Heating
Static switching

Features
Blocking voltage to 600 V
On-state RMS current to 16 A




Similar Part No. - BTB16-600SW

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BTB16-600SW ISC-BTB16-600SW Datasheet
234Kb / 1P
isc Triacs
logo
STMicroelectronics
BTB16-600SW STMICROELECTRONICS-BTB16-600SW Datasheet
217Kb / 18P
Snubberless™, logic level and standard 16 A Triacs
30-May-2018
logo
Shenzhen Luguang Electr...
BTB16-600SW LUGUANG-BTB16-600SW Datasheet
1Mb / 6P
16A Ⅲ&ⅣSERIES TRIACS
Revision:20230619-P1
logo
STMicroelectronics
BTB16-600SWRG STMICROELECTRONICS-BTB16-600SWRG Datasheet
99Kb / 9P
16A TRIACS
13-Feb-2006
BTB16-600SWRG STMICROELECTRONICS-BTB16-600SWRG Datasheet
217Kb / 18P
Snubberless™, logic level and standard 16 A Triacs
30-May-2018
More results


Similar Description - BTB16-600SW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BTA216C PHILIPS-BTA216C Datasheet
21Kb / 4P
Three quadrant triacs Three quadrant triacs
October 1997 Rev 1.000
logo
HAOPIN MICROELECTRONICS...
BTA20-600BW HAOPIN-BTA20-600BW Datasheet
317Kb / 5P
Three quadrant triacs
BTA24-600BW HAOPIN-BTA24-600BW Datasheet
308Kb / 5P
Three quadrant triacs
BTB20-600BW HAOPIN-BTB20-600BW Datasheet
317Kb / 5P
Three quadrant triacs
BTB24-600BW HAOPIN-BTB24-600BW Datasheet
308Kb / 5P
Three quadrant triacs
BTB24-600CW HAOPIN-BTB24-600CW Datasheet
308Kb / 5P
Three quadrant triacs
BTA12-600CW HAOPIN-BTA12-600CW Datasheet
491Kb / 5P
Three quadrant triacs
BTB12-600BW HAOPIN-BTB12-600BW Datasheet
490Kb / 5P
Three quadrant triacs
Q6012RH5 HAOPIN-Q6012RH5 Datasheet
355Kb / 5P
Three quadrant triacs
Q8016LH4 HAOPIN-Q8016LH4 Datasheet
275Kb / 5P
Three quadrant triacs
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com