Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HS4001 Datasheet (PDF) - Renesas Technology Corp

HS4001 Datasheet PDF - Renesas Technology Corp
Part # HS4001
Download  HS4001 Download
File Size   1193.81 Kbytes
Page   27 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description High Performance Relative Humidity and Temperature Sensor with Digital Output

HS4001 Datasheet (PDF)

Go To PDF Page Download Datasheet
HS4001 Datasheet PDF - Renesas Technology Corp

Part # HS4001
Download  HS4001 Click to download

File Size   1193.81 Kbytes
Page   27 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description High Performance Relative Humidity and Temperature Sensor with Digital Output

HS4001 Datasheet (HTML) - Renesas Technology Corp


HS4001 Product details

Features
■ Humidity range: 0% to 100%RH
■ Automotive grade, AEC-Q100 qualified, Grade 2,
-40°C to +105°C
■ Industrial grade, JEDEC qualified, -40°C to
+125°C
■ Digital I2C output with CRC checksum
■ RH accuracy: ±1.5%RH, typical (HS4001)
■ 14-bit resolution: 0.04%RH, typical
■ Independent programmable resolution settings: 8,
10, 12, 14 bits
■ Fast RH response time: 4 seconds time constant,
typical
■ Temperature sensor accuracy: ±0.2°C, typical
(HS4001, HS4002, -10 to +80°C)
■ Very low current consumption: 0.3μA average (8-
bit resolution, 3.3V supply), 0.62μA average (14-bit
resolution, 3.3V supply), one RH and temperature
measurement per second
■ Excellent stability against aging and volatile
compounds
■ Highly robust protection from harsh environmental
conditions and mechanical shock




Similar Part No. - HS4001

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HS4001 RENESAS-HS4001 Datasheet
1Mb / 27P
High Performance Relative Humidity and Temperature Sensor with Digital Output
Jun 6, 2022
More results


Similar Description - HS4001

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
HTU21D TEC-HTU21D Datasheet
586Kb / 20P
Digital Relative Humidity sensor with Temperature output
logo
Renesas Technology Corp
HS3001 RENESAS-HS3001 Datasheet
785Kb / 21P
High Performance Relative Humidity and Temperature Sensor
HS3101 RENESAS-HS3101 Datasheet
819Kb / 21P
High Performance Relative Humidity and Temperature Sensor
HS3101 RENESAS-HS3101_V01 Datasheet
789Kb / 21P
High Performance Relative Humidity and Temperature Sensor
Aug 10, 2021
HS4001 RENESAS-HS4001 Datasheet
1Mb / 27P
High Performance Relative Humidity and Temperature Sensor with Digital Output
Jun 6, 2022
HS4101 RENESAS-HS4101 Datasheet
795Kb / 16P
High Performance Relative Humidity and Temperature Sensor with Analog Output
Apr 28, 2022
HS4011 RENESAS-HS4011 Datasheet
1Mb / 27P
High Performance Relative Humidity and Temperature Sensor with Membrane and Digital Output
Jun 6, 2022
HS310X RENESAS-HS310X Datasheet
819Kb / 21P
High Performance Relative Humidity and Temperature Sensor
Aug 10, 2021
HS401X RENESAS-HS401X Datasheet
1Mb / 27P
High Performance Relative Humidity and Temperature Sensor with Membrane and Digital Output
Mar 14, 2023
HS410X RENESAS-HS410X Datasheet
794Kb / 16P
High Performance Relative Humidity and Temperature Sensor with Analog Output
Apr 28, 2022
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com