Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HS410X Datasheet (PDF) - Renesas Technology Corp

HS410X Datasheet PDF - Renesas Technology Corp
Part # HS410X
Download  HS410X Download
File Size   794.88 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description High Performance Relative Humidity and Temperature Sensor with Analog Output

HS410X Datasheet (PDF)

Go To PDF Page Download Datasheet
HS410X Datasheet PDF - Renesas Technology Corp

Part # HS410X
Download  HS410X Click to download

File Size   794.88 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description High Performance Relative Humidity and Temperature Sensor with Analog Output

HS410X Datasheet (HTML) - Renesas Technology Corp


HS410X Product details

Features
■ Humidity range: 0% to 100%RH
■ Automotive grade, AEC-Q100 qualified, Grade 2,
-40°C to +105°C
■ Industrial grade, JEDEC qualified, -40°C to +105°C
■ 10% to 90% ratio-metric analog output voltage
■ RH accuracy: ±1.5%RH, typical (HS4101)
■ Fast RH response time: 4 seconds time constant, typical
■ Temperature sensor accuracy: ±0.2°C, typical (HS4101, HS4102, -10 to +80°C)
■ Very low current consumption: 92μA average (3.3V supply)
■ Excellent stability against aging and volatile compounds
■ Highly robust protection from harsh environmental conditions and mechanical shock




Similar Part No. - HS410X

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HS410 ETC2-HS410 Datasheet
131Kb / 2P
Heatshrink Adhesive Lined
logo
Multicomp Pro
HS410 MULTICOMP-HS410 Datasheet
203Kb / 2P
Heatshrink Adhesive Lined
23/06/22 V1.0
logo
Renesas Technology Corp
HS4101 RENESAS-HS4101 Datasheet
795Kb / 16P
High Performance Relative Humidity and Temperature Sensor with Analog Output
Apr 28, 2022
HS4102 RENESAS-HS4102 Datasheet
795Kb / 16P
High Performance Relative Humidity and Temperature Sensor with Analog Output
Apr 28, 2022
HS4103 RENESAS-HS4103 Datasheet
795Kb / 16P
High Performance Relative Humidity and Temperature Sensor with Analog Output
Apr 28, 2022
More results


Similar Description - HS410X

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HS300X RENESAS-HS300X Datasheet
733Kb / 21P
High Performance Relative Humidity and Temperature Sensor
HS3001 RENESAS-HS3001 Datasheet
785Kb / 21P
High Performance Relative Humidity and Temperature Sensor
HS3101 RENESAS-HS3101 Datasheet
819Kb / 21P
High Performance Relative Humidity and Temperature Sensor
HS3101 RENESAS-HS3101_V01 Datasheet
789Kb / 21P
High Performance Relative Humidity and Temperature Sensor
Aug 10, 2021
HS4001 RENESAS-HS4001 Datasheet
1Mb / 27P
High Performance Relative Humidity and Temperature Sensor with Digital Output
Jun 6, 2022
HS4101 RENESAS-HS4101 Datasheet
795Kb / 16P
High Performance Relative Humidity and Temperature Sensor with Analog Output
Apr 28, 2022
HS4111 RENESAS-HS4111 Datasheet
802Kb / 16P
High Performance Relative Humidity and Temperature Sensor with Membrane and Analog Output
Apr 28, 2022
HS310X RENESAS-HS310X Datasheet
819Kb / 21P
High Performance Relative Humidity and Temperature Sensor
Aug 10, 2021
HS400X RENESAS-HS400X Datasheet
1Mb / 27P
High Performance Relative Humidity and Temperature Sensor with Digital Output
Jun 6, 2022
HS411X RENESAS-HS411X Datasheet
802Kb / 16P
High Performance Relative Humidity and Temperature Sensor with Membrane and Analog Output
Apr 28, 2022
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com