Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HS411X Datasheet (PDF) - Renesas Technology Corp

HS411X Datasheet PDF - Renesas Technology Corp
Part # HS411X
Download  HS411X Download
File Size   802.21 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description High Performance Relative Humidity and Temperature Sensor with Membrane and Analog Output

HS411X Datasheet (PDF)

Go To PDF Page Download Datasheet
HS411X Datasheet PDF - Renesas Technology Corp

Part # HS411X
Download  HS411X Click to download

File Size   802.21 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description High Performance Relative Humidity and Temperature Sensor with Membrane and Analog Output

HS411X Datasheet (HTML) - Renesas Technology Corp


HS411X Product details

Features
■ Humidity range: 0% to 100%RH
■ Automotive grade, AEC-Q100 qualified, Grade 2,
-40°C to +105°C
■ Industrial grade, JEDEC qualified, -40°C to +105°C
■ Hydrophobic membrane, IP67 rating
■ 10% to 90% ratio-metric analog output voltage
■ RH accuracy: ±1.5% RH, typical (HS4111)
■ Fast RH response time: 4 seconds time constant, typical
■ Temperature sensor accuracy: ±0.2°C, typical (HS4111, HS4112, -10 to +80°C)
■ Very low current consumption: 92μA average (3.3V supply)
■ Excellent stability against aging and volatile compounds
■ Highly robust protection from harsh environmental conditions and mechanical shock




Similar Part No. - HS411X

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HS411 ETC2-HS411 Datasheet
131Kb / 2P
Heatshrink Adhesive Lined
logo
Multicomp Pro
HS411 MULTICOMP-HS411 Datasheet
203Kb / 2P
Heatshrink Adhesive Lined
23/06/22 V1.0
logo
Renesas Technology Corp
HS4111 RENESAS-HS4111 Datasheet
802Kb / 16P
High Performance Relative Humidity and Temperature Sensor with Membrane and Analog Output
Apr 28, 2022
HS4112 RENESAS-HS4112 Datasheet
802Kb / 16P
High Performance Relative Humidity and Temperature Sensor with Membrane and Analog Output
Apr 28, 2022
HS4113 RENESAS-HS4113 Datasheet
802Kb / 16P
High Performance Relative Humidity and Temperature Sensor with Membrane and Analog Output
Apr 28, 2022
More results


Similar Description - HS411X

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HS3001 RENESAS-HS3001 Datasheet
785Kb / 21P
High Performance Relative Humidity and Temperature Sensor
HS3101 RENESAS-HS3101_V01 Datasheet
789Kb / 21P
High Performance Relative Humidity and Temperature Sensor
Aug 10, 2021
HS4001 RENESAS-HS4001 Datasheet
1Mb / 27P
High Performance Relative Humidity and Temperature Sensor with Digital Output
Jun 6, 2022
HS4101 RENESAS-HS4101 Datasheet
795Kb / 16P
High Performance Relative Humidity and Temperature Sensor with Analog Output
Apr 28, 2022
HS4111 RENESAS-HS4111 Datasheet
802Kb / 16P
High Performance Relative Humidity and Temperature Sensor with Membrane and Analog Output
Apr 28, 2022
HS4011 RENESAS-HS4011 Datasheet
1Mb / 27P
High Performance Relative Humidity and Temperature Sensor with Membrane and Digital Output
Jun 6, 2022
HS310X RENESAS-HS310X Datasheet
819Kb / 21P
High Performance Relative Humidity and Temperature Sensor
Aug 10, 2021
HS400X RENESAS-HS400X Datasheet
1Mb / 27P
High Performance Relative Humidity and Temperature Sensor with Digital Output
Jun 6, 2022
HS401X RENESAS-HS401X Datasheet
1Mb / 27P
High Performance Relative Humidity and Temperature Sensor with Membrane and Digital Output
Mar 14, 2023
HS410X RENESAS-HS410X Datasheet
794Kb / 16P
High Performance Relative Humidity and Temperature Sensor with Analog Output
Apr 28, 2022
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com