Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS8536-01 Datasheet (PDF) - Renesas Technology Corp

ICS8536-01 Datasheet PDF - Renesas Technology Corp
Part # ICS8536-01
Download  ICS8536-01 Download
File Size   469.71 Kbytes
Page   22 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Skew, 1-to-6, Crystal/ LVCMOS/ Differential-to-3.3V, 2.5V LVPECL Fanout Buffer

ICS8536-01 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS8536-01 Datasheet PDF - Renesas Technology Corp

Part # ICS8536-01
Download  ICS8536-01 Click to download

File Size   469.71 Kbytes
Page   22 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Skew, 1-to-6, Crystal/ LVCMOS/ Differential-to-3.3V, 2.5V LVPECL Fanout Buffer

ICS8536-01 Datasheet (HTML) - Renesas Technology Corp


ICS8536-01 Product details

FEATURES
• Six 3.3V, 2.5V LVPECL outputs
• Selectable crystal oscillator, differential CLK1, nCLK1 pair
or LVCMOS/LVTTL clock input
• CLK1, nCLK pair can accept the following differential
input levels: LVPECL, LVDS, LVHSTL, SSTL, HCSL
• Maximum output frequency: 700MHz
• Crystal frequency range: 12MHz - 40MHz
• Output skew: 55ps (maximum) CLK1, nCLK1 @ 3.3V
• Part-to-part skew: 450ps (maximum)
• Additive phase jitter, RMS: 0.19ps (typical)
• Full 3.3V or 2.5V supply mode
• 0°C to 70°C ambient operating temperature
• Available in lead-free (RoHS 6) packages




Similar Part No. - ICS8536-01

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS8536-01 IDT-ICS8536-01 Datasheet
176Kb / 21P
Low Skew, 1-to-6, Crystal LVCMOS Differential-to-3.3V, 2.5V LVPECL Fanout Buffer
More results


Similar Description - ICS8536-01

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS85314-01 ICST-ICS85314-01 Datasheet
112Kb / 15P
LOW SKEW, 1-TO-5 DIFFERENTIAL-TO-2.5V/3.3V LVPECL FANOUT BUFFER
REV. B JUNE 21, 2002
ICS85314I-01 ICST-ICS85314I-01 Datasheet
252Kb / 19P
LOW SKEW, 1-TO-5 DIFFERENTIAL-TO-2.5V/3.3V LVPECL FANOUT BUFFER
REV. E SEPTEMBER 23, 2005
logo
Pericom Semiconductor C...
PI6C48533-01 PERICOM-PI6C48533-01 Datasheet
409Kb / 7P
3.3V Low Skew 1-to-4 Differential/LVCMOS to LVPECL Fanout Buffer
PI6C48535-11 PERICOM-PI6C48535-11 Datasheet
286Kb / 5P
3.3V Low Skew 1-to-4 Crystal/LVCMOS to LVPECL Fanout Buffer
logo
Integrated Device Techn...
ICS8536-02 IDT-ICS8536-02 Datasheet
884Kb / 17P
Low Skew, 1-to-6, Dual Crystal/LVCMOS-to-3.3V, 2.5V LVPECL Fanout Buffer
ICS8536I-33 IDT-ICS8536I-33 Datasheet
1Mb / 19P
LOW SKEW, 1-TO-6, CRYSTAL OSCILLATOR/LVCMOSTO-3.3V, 2.5V LVPECL/LVCMOS FANOUT BUFFER
ICS8536AG IDT-ICS8536AG Datasheet
176Kb / 21P
Low Skew, 1-to-6, Crystal LVCMOS Differential-to-3.3V, 2.5V LVPECL Fanout Buffer
logo
Pericom Semiconductor C...
PI6C48533-01 PERICOM-PI6C48533-01_15 Datasheet
668Kb / 7P
3.3V Low Skew 1-to-4 Differential/LVCMOS to LVPECL Fanout Buffer
PI6C4911506-06 PERICOM-PI6C4911506-06 Datasheet
967Kb / 7P
Low Skew, 1-To-6, Crystal/LVCMOS/Differential - 3.3V, 2.5V LVPECL Fanout Buffer
logo
Renesas Technology Corp
8536I-33 RENESAS-8536I-33 Datasheet
575Kb / 20P
Low Skew, 1-to-6, Crystal Oscillator/LVCMOSTO-3.3V, 2.5V LVPECL/LVCMOS Fanout Buffer
7/10/15
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com