Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS8536-01 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # ICS8536-01
Description  Low Skew, 1-to-6, Crystal/ LVCMOS/ Differential-to-3.3V, 2.5V LVPECL Fanout Buffer
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS8536-01 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button ICS8536-01 Datasheet HTML 6Page - Renesas Technology Corp ICS8536-01 Datasheet HTML 7Page - Renesas Technology Corp ICS8536-01 Datasheet HTML 8Page - Renesas Technology Corp ICS8536-01 Datasheet HTML 9Page - Renesas Technology Corp ICS8536-01 Datasheet HTML 10Page - Renesas Technology Corp ICS8536-01 Datasheet HTML 11Page - Renesas Technology Corp ICS8536-01 Datasheet HTML 12Page - Renesas Technology Corp ICS8536-01 Datasheet HTML 13Page - Renesas Technology Corp ICS8536-01 Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
ICS8536-01 Data Sheet
CRYSTAL/LVCMOS/DIFFERENTIAL-TO-LVPECL FANOUT BUFFER
ICS8536AG-01 REVISION B AUGUST 17, 2012
10
APPLICATION INFORMATION
Figure 2 shows how a differential input can be wired to accept
single ended levels. The reference voltage V1 = Vcc/2 is generated
by the bias resistors R1 and R2. The bypass capacitor (C1) is
used to help filter noise on the DC bias. This bias circuit should be
located as close to the input pin as possible. The ratio of R1 and
R2 might need to be adjusted to position the VREF in the center of
the input voltage swing. For example, if the input clock swing is
2.5V and Vcc = 3.3V, R1 and R2 value should be adjusted to set V1
at 1.25V. The values below are for when both the single-ended
swing and Vcc are at the same voltage. This configuration requires
that the sum of the output impedance of the driver (Ro) and the
series resistance (Rs) equals the transmission line impedance. In
addition, matched termination at the input will attenuate the signal
in half. This can be done in one of two ways. First, R3 and R4 in
parallel should equal the transmission line impedance. For most
FIGURE 2. SINGLE ENDED SIGNAL DRIVING DIFFERENTIAL INPUT
WIRING THE DIFFERENTIAL INPUT TO ACCEPT SINGLE ENDED LEVELS
50 applications, R3 and R4 can be 100
Ω.The values of the resistors
can be increased to reduce the loading for slower and weaker
LVCMOS driver. When using single ended signaling, the noise
rejection benefits of differential signaling are reduced. Even though
the differential input can handle full rail LVCMOS signaling, it is
recommended that the amplitude be reduced. The datasheet
specifies a lower differential amplitude, however this only applies
to differential signals. For single-ended applications, the swing can
be larger, however V
IL cannot be less than -0.3V and VIH cannot be
more than Vcc + 0.3V. Though some of the recommended
components might not be used, the pads should be placed in the
layout. They can be utilized for debugging purposes. The datasheet
specifications are characterized and guaranteed by using a
differential signal.
FIGURE 2. CRYSTAL INPUt INTERFACE
CRYSTAL INPUT INTERFACE
The ICS8536-01 has been characterized with 18pF parallel
resonant crystals. The capacitor values shown in
Figure 2 below
were determined using an 18pF parallel resonant crystal and
were chosen to minimize the ppm error.
XTAL_IN
XTAL_OUT
X1
18pF Parallel Crystal
C1
22p
C2
22p



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com