Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS8536-01 Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # ICS8536-01
Description  Low Skew, 1-to-6, Crystal/ LVCMOS/ Differential-to-3.3V, 2.5V LVPECL Fanout Buffer
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS8536-01 Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button ICS8536-01 Datasheet HTML 10Page - Renesas Technology Corp ICS8536-01 Datasheet HTML 11Page - Renesas Technology Corp ICS8536-01 Datasheet HTML 12Page - Renesas Technology Corp ICS8536-01 Datasheet HTML 13Page - Renesas Technology Corp ICS8536-01 Datasheet HTML 14Page - Renesas Technology Corp ICS8536-01 Datasheet HTML 15Page - Renesas Technology Corp ICS8536-01 Datasheet HTML 16Page - Renesas Technology Corp ICS8536-01 Datasheet HTML 17Page - Renesas Technology Corp ICS8536-01 Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
ICS8536-01 Data Sheet
CRYSTAL/LVCMOS/DIFFERENTIAL-TO-LVPECL FANOUT BUFFER
ICS8536AG-01 REVISION B AUGUST 17, 2012
14
TERMINATION FOR 2.5V LVPECL OUTPUTS
Figure 6A and Figure 6B show examples of termination for 2.5V
LVPECL driver. These terminations are equivalent to terminating
50
Ω to V
CC
- 2V. For V
CC
= 2.5V, the V
CC
- 2V is very close to ground
level. The R3 in Figure 6B can be eliminated and the termination
is shown in
Figure 6C.
FIGURE 6C. 2.5V LVPECL TERMINATION EXAMPLE
FIGURE 6B. 2.5V LVPECL DRIVER TERMINATION EXAMPLE
FIGURE 6A. 2.5V LVPECL DRIVER TERMINATION EXAMPLE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com