Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS8536-01 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # ICS8536-01
Description  Low Skew, 1-to-6, Crystal/ LVCMOS/ Differential-to-3.3V, 2.5V LVPECL Fanout Buffer
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS8536-01 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button ICS8536-01 Datasheet HTML 9Page - Renesas Technology Corp ICS8536-01 Datasheet HTML 10Page - Renesas Technology Corp ICS8536-01 Datasheet HTML 11Page - Renesas Technology Corp ICS8536-01 Datasheet HTML 12Page - Renesas Technology Corp ICS8536-01 Datasheet HTML 13Page - Renesas Technology Corp ICS8536-01 Datasheet HTML 14Page - Renesas Technology Corp ICS8536-01 Datasheet HTML 15Page - Renesas Technology Corp ICS8536-01 Datasheet HTML 16Page - Renesas Technology Corp ICS8536-01 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
ICS8536-01 Data Sheet
CRYSTAL/LVCMOS/DIFFERENTIAL-TO-LVPECL FANOUT BUFFER
ICS8536AG-01 REVISION B AUGUST 17, 2012
13
The clock layout topology shown below is a typical termination
for LVPECL outputs. The two different layouts mentioned are
recommended only as guidelines.
The differential outputs are low impedance follower outputs that
generate ECL/LVPECL compatible outputs. Therefore, termi-
nating resistors (DC current path to ground) or current sources
must be used for functionality. These outputs are designed to
drive 50
Ω transmission lines. Matched impedance techniques
should be used to maximize operating frequency and minimize
signal distortion.
Figures 5A and 5B show two different layouts
which are recommended only as guidelines. Other suitable
clock layouts may exist and it would be recommended that the
board designers simulate to guarantee compatibility across all
printed circuit and clock component process variations.
TERMINATION FOR 3.3V LVPECL OUTPUTS
FIGURE 5B. LVPECL OUTPUT TERMINATION
FIGURE 5A. LVPECL OUTPUT TERMINATION
INPUTS:
CRYSTAL INPUTS
For applications not requiring the use of the crystal oscillator input,
both XTAL_IN and XTAL_OUT can be left floating. Though not
required, but for additional protection, a 1k
Ω resistor can be tied
from XTAL_IN to ground.
CLK INPUT
For applications not requiring the use of the clock, it can be left
floating. Though not required, but for additional protection, a 1k
Ω
resistor can be tied from the CLK input to ground.
CLK/nCLK INPUTS
For applications not requiring the use of the differential input,
both CLK and nCLK can be left floating. Though not required, but
for additional protection, a 1k
Ω resistor can be tied from CLK to
ground.
LVCMOS CONTROL PINS
All control pins have internal pull-ups or pull-downs; additional
resistance is not required but can be added for additional
protection. A 1k
Ω resistor can be used.
RECOMMENDATIONS FOR UNUSED INPUT AND OUTPUT PINS
OUTPUTS:
LVPECL OUTPUTS
All unused LVPECL outputs can be left floating. We recommend
that there is no trace attached. Both sides of the differential output
pair should either be left floating or terminated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com