Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M3004316 Datasheet (PDF) - Renesas Technology Corp

M3004316 Datasheet PDF - Renesas Technology Corp
Part # M3004316
Download  M3004316 Download
File Size   673.75 Kbytes
Page   26 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Parallel MRAM Memory x16

M3004316 Datasheet (PDF)

Go To PDF Page Download Datasheet
M3004316 Datasheet PDF - Renesas Technology Corp

Part # M3004316
Download  M3004316 Click to download

File Size   673.75 Kbytes
Page   26 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Parallel MRAM Memory x16

M3004316 Datasheet (HTML) - Renesas Technology Corp


M3004316 Product details

Features
• Interface
 Parallel Asynchronous x16
• Technology
 40nm pMTJ STT-MRAM
• Data Retention (see Table 16. Endurance
and Data Retention Density)
 4Mb, 8Mb, 16Mb, 32Mb
• Operating Voltage Range
 VCC: 2.70V – 3.60V
• Operating Temperature Range
 Industrial: -40°C to 85°C
 Industrial Plus: -40°C to 105°C
• RoHS Compliant & REACH Compliant
• Packages
 44-pin TSOP (10mm x 18mm)
 54-pin TSOP (10mm x 22mm)
 48-ball FBGA (10mm x 10mm)
• Memory Array Organization




Similar Part No. - M3004316

ManufacturerPart #DatasheetDescription
logo
Pentair Equipment Prote...
M300400210GE HOFFMANPRODUCTS-M300400210GE Datasheet
344Kb / 4P
GL66 SERIES MILD STEEL HINGED COVER WALL-MOUNT ENCLOSURES
M300400210GPE HOFFMANPRODUCTS-M300400210GPE Datasheet
344Kb / 4P
GL66 SERIES MILD STEEL HINGED COVER WALL-MOUNT ENCLOSURES
logo
Renesas Technology Corp
M30042040054X0ISAR RENESAS-M30042040054X0ISAR Datasheet
1Mb / 52P
High Performance Serial MRAM Memory
Feb.21.23
M30042040054X0ISAY RENESAS-M30042040054X0ISAY Datasheet
1Mb / 52P
High Performance Serial MRAM Memory
Feb.21.23
M30042040054X0IWAR RENESAS-M30042040054X0IWAR Datasheet
1Mb / 52P
High Performance Serial MRAM Memory
Feb.21.23
More results


Similar Description - M3004316

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LRS1383C SHARP-LRS1383C Datasheet
3Mb / 54P
FLASH MEMORY 32M (X16) FLASH MEMORY 8M (X16) SRAM
LRS1383F SHARP-LRS1383F Datasheet
3Mb / 44P
FLASH MEMORY 32M (X16) FLASH MEMORY 8M (X16) SRAM
LH28F320BFHB-PBTL60 SHARP-LH28F320BFHB-PBTL60 Datasheet
916Kb / 37P
32M (x16) Flash Memory
logo
Everspin Technologies I...
MR0A16A EVERSPIN-MR0A16A Datasheet
930Kb / 22P
64K x 16 MRAM Memory
Rev. 8.3 3/2018
MR1A16A EVERSPIN-MR1A16A Datasheet
1Mb / 20P
128K x 16 MRAM Memory
Rev. 1.1 03/2020
MR2A08A EVERSPIN-MR2A08A Datasheet
901Kb / 15P
512K x 8 MRAM Memory
Rev. 6.3, 3/2018
MR2A16A EVERSPIN-MR2A16A Datasheet
1Mb / 20P
256K x 16 MRAM Memory
Rev. 11.3 3/2018
MR4A08B EVERSPIN-MR4A08B Datasheet
839Kb / 15P
2M x 8 MRAM Memory
Rev. 8.7 3/2018
logo
Microchip Technology
SST38LF6401ET MICROCHIP-SST38LF6401ET Datasheet
531Kb / 47P
64-Mbit (x16) Extended Temperature Parallel Flash Memory
09/14/21
logo
Renesas Technology Corp
M1004204 RENESAS-M1004204 Datasheet
1Mb / 52P
High Performance Serial MRAM Memory
Feb.21.23
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com