Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC9817EN Datasheet (PDF) - Renesas Technology Corp

MPC9817EN Datasheet PDF - Renesas Technology Corp
Part # MPC9817EN
Download  MPC9817EN Download
File Size   283.2 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Clock Generator for PowerQUICC and PowerPC Microprocessors and Microcontrollers

MPC9817EN Datasheet (PDF)

Go To PDF Page Download Datasheet
MPC9817EN Datasheet PDF - Renesas Technology Corp

Part # MPC9817EN
Download  MPC9817EN Click to download

File Size   283.2 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Clock Generator for PowerQUICC and PowerPC Microprocessors and Microcontrollers

MPC9817EN Datasheet (HTML) - Renesas Technology Corp


MPC9817EN Product details

Features
• 5 LVCMOS Outputs for Processor and Other System Circuitry
• 3 Buffered 25-MHz Reference Clock Outputs
• Crystal Oscillator or External Reference Input
• 25-MHz Input Reference Frequency
• Selectable Output Frequencies Include: 25, 33, 50, or 66 MHz
• Low Cycle-to-Cycle and Period Jitter
• Package: 20-Lead SSOP
• 3.3-V Supply
• Supports Computing, Networking, and Telecommunications Applications
• Ambient Temperature Range: –40°C to +85°C
• NOT RECOMMENDED FOR NEW DESIGNS




Similar Part No. - MPC9817EN

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC9817 FREESCALE-MPC9817 Datasheet
97Kb / 8P
Clock Generator for PowerQUICC and PowerPC Microprocessors and Microcontrollers
More results


Similar Description - MPC9817EN

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9178-03 ICST-ICS9178-03 Datasheet
526Kb / 8P
245 MHz Clock Generator and Integrated Buffer for PowerPC
Rev C 02/12/98
ICS9341 ICST-ICS9341 Datasheet
207Kb / 9P
133MHz Clock Generator and Integrated Buffer for PowerPC?
Rev A 10/12/99
ICS9342 ICST-ICS9342 Datasheet
175Kb / 10P
133MHz Clock Generator and Integrated Buffer for PowerPC?
Rev E 9/06/00
logo
Motorola, Inc
MPC9855 MOTOROLA-MPC9855 Datasheet
267Kb / 12P
Clock Generator for PowerQUICC and PowerPC Microprocessors
logo
Freescale Semiconductor...
MPC9817 FREESCALE-MPC9817 Datasheet
97Kb / 8P
Clock Generator for PowerQUICC and PowerPC Microprocessors and Microcontrollers
MPC9850 FREESCALE-MPC9850 Datasheet
247Kb / 12P
Clock Generator for PowerQUICC III
logo
NEC
UPB8284A NEC-UPB8284A Datasheet
168Kb / 6P
CLOCK GENERATOR AND DRIVER FOR 8086/8088 MICROPROCESSORS
logo
List of Unclassifed Man...
AM8224 ETC2-AM8224 Datasheet
75Kb / 1P
CLOCK GENERATOR AND DRIVER FOR 8080A COMPATIBLE MICROPROCESSORS
logo
Integrated Device Techn...
XC9850 IDT-XC9850 Datasheet
322Kb / 10P
Clock Generator for PowerQUICC III
logo
Renesas Technology Corp
MPC9824 RENESAS-MPC9824 Datasheet
456Kb / 13P
Clock Generator for PowerQUICC and PowerPC Microprocessors and Microcontrollers
2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com