Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9178-03 Datasheet (PDF) - Integrated Circuit Systems

ICS9178-03 Datasheet PDF - Integrated Circuit Systems
Part # ICS9178-03
Download  ICS9178-03 Download
File Size   526.79 Kbytes
Page   8 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description 245 MHz Clock Generator and Integrated Buffer for PowerPC

ICS9178-03 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS9178-03 Datasheet PDF - Integrated Circuit Systems

Part # ICS9178-03
Download  ICS9178-03 Click to download

File Size   526.79 Kbytes
Page   8 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description 245 MHz Clock Generator and Integrated Buffer for PowerPC

ICS9178-03 Datasheet (HTML) - Integrated Circuit Systems


ICS9178-03 Product details

General Description
The ICS9178-03 generates all clocks required for high speed PowerPC RISC microprocessor systems. Generating clocks in phase with an external reference frequency allows the ICS9178-03 to be used as a multiplying zero delay buffer. Three different multiplying factors are externally selectable. These factors can be customized for specific applications. An external frequency can be directly applied to aid system testing. With 2X processor clock speeds up to 245 MHz, PECL outputs are provided. User selectable frequency ratios are available for PCLK/BCLK and PCLK/XCLK. Each pair of clocks outputs have separate supply pins to minimize output jitter and allow them to operate at 5V, 3.3V or custom voltage levels.

Features
• Generates 2 PECL 2x processor, 2 TTL/CMOS 1x processor and 10 selectable bus clocks
• 2XPCLK ranges from 75 MHz to 245 MHz (5V or 5V/3.3V mixed supply) or 60 to 170 MHz (3.3V only)
• Asymmetric duty cycle bus clock for PowerPC
• Bus to processor clock skews less than –250ps
• 2XPCLK to PCLK skew controlled at 300 –300ps
• Selectable reference multiplying factors
• Selectable PCLK/BCLK and PCLK/XCLK ratios
• Separate supplies allow 5V and 3.3V output mix
• 3.0V - 5.5V supply range
• 44-pin PQFP package

Applications
• Ideal for high-speed systems based on PowerPC




Similar Part No. - ICS9178-03

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS91718 ICST-ICS91718 Datasheet
84Kb / 11P
Low EMI, Spread Modulating, Clock Generator
logo
Renesas Technology Corp
ICS91718 RENESAS-ICS91718 Datasheet
301Kb / 12P
Low EMI, Spread Modulating, Clock Generator
2019
logo
Integrated Circuit Syst...
ICS91718YGLF-T ICST-ICS91718YGLF-T Datasheet
84Kb / 11P
Low EMI, Spread Modulating, Clock Generator
logo
Renesas Technology Corp
ICS91718YGLF-T RENESAS-ICS91718YGLF-T Datasheet
301Kb / 12P
Low EMI, Spread Modulating, Clock Generator
2019
logo
Integrated Circuit Syst...
ICS91718YMLF-T ICST-ICS91718YMLF-T Datasheet
84Kb / 11P
Low EMI, Spread Modulating, Clock Generator
More results


Similar Description - ICS9178-03

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9159-14 ICST-ICS9159-14 Datasheet
423Kb / 7P
Frequency Generator and Integrated Buffer for PENTIUM?
Rev B 3/16/00
ICS9159C-14 ICST-ICS9159C-14 Datasheet
210Kb / 7P
Frequency Generator and Integrated Buffer for PENTIUM?
RevC062397
ICS9160-03 ICST-ICS9160-03 Datasheet
240Kb / 7P
Frequency Generator and Integrated Buffer for PowerPC
RevC 06/19/97
ICS9341 ICST-ICS9341 Datasheet
207Kb / 9P
133MHz Clock Generator and Integrated Buffer for PowerPC?
Rev A 10/12/99
ICS9342 ICST-ICS9342 Datasheet
175Kb / 10P
133MHz Clock Generator and Integrated Buffer for PowerPC?
Rev E 9/06/00
logo
Motorola, Inc
MPC9855 MOTOROLA-MPC9855 Datasheet
267Kb / 12P
Clock Generator for PowerQUICC and PowerPC Microprocessors
logo
Freescale Semiconductor...
MPC9817 FREESCALE-MPC9817 Datasheet
97Kb / 8P
Clock Generator for PowerQUICC and PowerPC Microprocessors and Microcontrollers
logo
PhaseLink Corporation
PLL702-01 PLL-PLL702-01 Datasheet
271Kb / 8P
Clock Generator for PowerPC Based Applications
logo
Renesas Technology Corp
MPC9824 RENESAS-MPC9824 Datasheet
456Kb / 13P
Clock Generator for PowerQUICC and PowerPC Microprocessors and Microcontrollers
2019
MPC9817 RENESAS-MPC9817 Datasheet
283Kb / 8P
Clock Generator for PowerQUICC and PowerPC Microprocessors and Microcontrollers
2012
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com