Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9178-03 Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS9178-03
Description  245 MHz Clock Generator and Integrated Buffer for PowerPC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9178-03 Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS9178-03 Datasheet HTML 1Page - Integrated Circuit Systems ICS9178-03 Datasheet HTML 2Page - Integrated Circuit Systems ICS9178-03 Datasheet HTML 3Page - Integrated Circuit Systems ICS9178-03 Datasheet HTML 4Page - Integrated Circuit Systems ICS9178-03 Datasheet HTML 5Page - Integrated Circuit Systems ICS9178-03 Datasheet HTML 6Page - Integrated Circuit Systems ICS9178-03 Datasheet HTML 7Page - Integrated Circuit Systems ICS9178-03 Datasheet HTML 8Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
ICS9178-03
Pin Configuration
44-Pin PQFP
*VCO range is limited from 75- 245 MHz at 5V±5% and 60 - 170 MHz at 3.3V±5%. Divide ratios assume BCLK is externally
fed back to FBCLK.
_=A,B,C
Functionality
The 2XPCLK series or Thevinen trace terminations must be optimized for the specific operating frequency and board
layout. The rising edge of ABCLK is coincident with the rising edges of 2XPCLK, PCLK and other BCLKs.
X_S1
X_S0
XCLK_(0,1)
00
PCLK
0
1
BCLK
10
DCLK
1
1
Tristate
FS1
FS0
RST
TEN
*VCO
2XPCLK
PCLK
ABCLK (H/L%)
BCLK
DCLK
0010
6x REF
VCO
VCO/2
VCO/6 (66/33)
VCO/6
VCO/4
0110
8x REF
VCO
VCO/2
VCO/8 (75/25)
VCO/8
VCO/4
1010
4x REF
VCO
VCO/2
VCO/12 (50/50)
VCO/4
VCO/4
1110
X
1
1
1
1
1
X
X
0
X
X
0
000
0
0011
TCLK
TCLK
TCLK/2
TCLK/6 (66/33)
TCLK/6
TCLK/4
0111
TCLK
TCLK
TCLK/2
TCLK/8 (75/25)
TCLK/8
TCLK/4
1011
TCLK
TCLK
TCLK/2
TCLK/12 ( 66/33)
TCLK/12
TCLK/4
1111
TCLK
TCLK
TCLK/2
TCLK/2
TCLK/2
TCLK/4



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com